Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM9820 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NM9820
Description  Single PCI UART
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NM9820 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NM9820 Datasheet HTML 1Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 2Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 3Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 4Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 5Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 6Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 7Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 8Page - List of Unclassifed Manufacturers NM9820 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Page 1-36
NetMos
Technology
Nm9820
Single PCI UART
Rev. 1.0
Pin Name
128
Type
Description
nPERR
29
O
Parity Error (three-state). Is used to report parity errors during all PCI
transactions except a Special Cycle. The minimum duration of nPERR is
one clock cycle.
nSERR
30
O
System Error (open drain). This pin goes low when address parity errors are
detected.
PAR
31
I/O
Even Parity. Parity is even parity across AD31-0 and nC/BE3-0. PAR is stable
and valid one clock after the address phase. For data phase PAR is stable
and valid one clock after either nIRDY is asserted on a write transaction or
nTRDY is asserted on a read transaction.
nC/BE3
8
I
Bus Command and Byte Enable. During the address phase of a transaction,
nC/BE3-0 defines the bus command. During data phase nC/BE3-0 are used
as Byte Enables.nC/BE3 applies to byte “3”.
nC/BE2
22
I
Bus Command and Byte Enable. During the address phase of a transaction,
nC/BE3-0 defines the bus command. During data phase nC/BE3-0 are used
as Byte Enables. nC/BE2 applies to byte “2”.
nC/BE1
32
I
Bus Command and Byte Enable. During the address phase of a transaction,
nC/BE3-0 defines the bus command. During data phase nC/BE3-0 are used
as Byte Enables. nC/BE1 applies to byte “1”.
nC/BE0
43
I
Bus Command and Byte Enable. During the address phase of a transaction,
nC/BE3-0 defines the bus command. During data phase nC/BE3-0 are used
as Byte Enables. nC/BE0 applies to byte “0”.
nINTA
120
O
PCI active low interrupt output (open-drain). This signal goes low (active)
when an interrupt condition occurs.
EE-CS
115
O
External EE-Prom chip select (active high). After power on reset, Nm9820
reads the EE-Prom and loads the read-only configuration registers
sequentially from the first 64 bytes in the EE-Prom.
EE-CLK
116
O
External EE-Prom clock.
EE-DI
118
I
External EE-Prom data input.
EE-DO
117
O
External EE-Prom data output.
EE-EN
123
I
Enable/Disable external EEprom (active high, internal pull-up). External
EEprom can be disabled when this pin is tied to GND or pulled low. When
external EEprom is disabled, the default values for Nm9820 will be loaded
into PCI configuration register.


Similar Part No. - NM9820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NM9805 ETC-NM9805 Datasheet
94Kb / 16P
   PCI 1284 Printer Port
NM9805CV ETC-NM9805CV Datasheet
94Kb / 16P
   PCI 1284 Printer Port
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
NM9835CV ETC-NM9835CV Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
NM9835EV ETC-NM9835EV Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
More results

Similar Description - NM9820

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
logo
Oxford Semiconductor
OX16PCI958 OXFORD-OX16PCI958 Datasheet
410Kb / 46P
   Octal UART with PCI Interface
logo
Exar Corporation
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17V352 EXAR-XR17V352 Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com