Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF2401A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NRF2401A
Description  Single chip 2.4 GHz Transceiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF2401A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NRF2401A Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF2401A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
PRODUCT SPECIFICATION
nRF2401A Single Chip 2.4 GHz Radio Transceiver
Nordic Semiconductor ASA
- Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 1.0
Page 11 of 38
December 2004
Correct
ADDR?
nRF2401A
Detects
PREAMBLE and
Incoming Data
nRF2401A
Set Data Ready
(DR1/2) high
YES
YES
NO
NO
nRF2401A
Receives Data
and
Checking CRC
ADDR
PAYLOAD
CRC
ADDR
PAYLOAD
CRC
ADDR
PAYLOAD
CRC
Pre-
amble
ADDR
PAYLOAD
CRC
PAYLOAD
uController
Clocks out
Payload
PAYLOAD
Data content of registers:
nRF2401A
Register
Empty?
nRF2401A
Sets Data Ready
(DR1/2) low
NO
YES
Output Register Empty
nRF2401A in
ShockBurstTM
RX?
YES
NO
nRF2401A
Checks:
Correct CRC?
Figure 7 Flow Chart ShockBurst™ Receive of nRF2401A


Similar Part No. - NRF2401A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401-EVKIT ETC-NRF2401-EVKIT Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401IC ETC-NRF2401IC Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
More results

Similar Description - NRF2401A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
   Single chip 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2402 ETC1-NRF2402 Datasheet
368Kb / 31P
   Single chip 2.4 GHz Transmitter
logo
Cypress Semiconductor
CYRF7936 CYPRESS-CYRF7936 Datasheet
1Mb / 21P
   2.4 GHz CyFi??Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com