Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS35200MR6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSS35200MR6T1G
Description  35 V, 5 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS35200MR6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSS35200MR6T1G Datasheet HTML 1Page - ON Semiconductor NSS35200MR6T1G Datasheet HTML 2Page - ON Semiconductor NSS35200MR6T1G Datasheet HTML 3Page - ON Semiconductor NSS35200MR6T1G Datasheet HTML 4Page - ON Semiconductor NSS35200MR6T1G Datasheet HTML 5Page - ON Semiconductor NSS35200MR6T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSS35200MR6T1G
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−35
−45
Vdc
Collector −Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−55
−65
Vdc
Emitter −Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
−7.0
Vdc
Collector Cutoff Current
(VCB = −35 Vdc, IE = 0)
ICBO
−0.03
−0.1
mAdc
Collector−Emitter Cutoff Current
(VCES = −35 Vdc)
ICES
−0.03
−0.1
mAdc
Emitter Cutoff Current
(VEB = −4.0 Vdc)
IEBO
−0.01
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 4)
(IC = −1.0 A, VCE = −1.5 V)
(IC = −1.5 A, VCE = −1.5 V)
(IC = −2.0 A, VCE = −3.0 V)
hFE
100
100
100
200
200
200
400
Collector −Emitter Saturation Voltage (Note 4)
(IC = −0.8 A, IB = −0.008 A)
(IC = −1.2 A, IB = −0.012 A)
(IC = −2.0 A, IB = −0.02 A)
VCE(sat)
−0.125
−0.175
−0.260
−0.15
−0.20
−0.31
V
Base −Emitter Saturation Voltage (Note 4)
(IC = −1.2 A, IB = −0.012 A)
VBE(sat)
−0.68
−0.85
V
Base −Emitter Turn−on Voltage (Note 4)
(IC = −2.0 A, VCE = −3.0 V)
VBE(on)
−0.81
−0.875
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
MHz
Input Capacitance (VEB = −0.5 V, f = 1.0 MHz)
Cibo
600
650
pF
Output Capacitance (VCB = −3.0 V, f = 1.0 MHz)
Cobo
85
100
pF
Turn−on Time (VCC = −10 V, IB1 = −100 mA, IC = −1 A, RL = 3 W)
ton
35
nS
Turn−off Time (VCC = −10 V, IB1 = IB2 = −100 mA, IC = 1 A, RL = 3 W)
toff
225
nS
4. Pulsed Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%.


Similar Part No. - NSS35200MR6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS35200MR6T1G ONSEMI-NSS35200MR6T1G Datasheet
120Kb / 6P
   35 V, 5 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 5
NSS35200MR6T1G ONSEMI-NSS35200MR6T1G_13 Datasheet
120Kb / 6P
   35 V, 5 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 5
More results

Similar Description - NSS35200MR6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS35200MR6T1G ONSEMI-NSS35200MR6T1G_13 Datasheet
120Kb / 6P
   35 V, 5 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 5
NSS35200CF8T1G ONSEMI-NSS35200CF8T1G_06 Datasheet
66Kb / 6P
   35 V, 7 A, Low VCE(sat) PNP Transistor
March, 2006 ??Rev. 5
NSS20300MR6T1G ONSEMI-NSS20300MR6T1G_09 Datasheet
134Kb / 5P
   20 V, 5 A, Low VCE(sat) PNP Transistor
April, 2009 ??Rev. 2
NSS20300MR6T1G ONSEMI-NSS20300MR6T1G_07 Datasheet
62Kb / 5P
   20 V, 5 A, Low VCE(sat) PNP Transistor
February, 2007 ??Rev. 1
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS40400CF8T1G ONSEMI-NSS40400CF8T1G Datasheet
48Kb / 4P
   40 V, 7 A, Low VCE(sat) PNP Transistor
January, 2006 ??Rev. 0
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com