Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN621K Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # UN621K
Description  Silicon NPN epitaxial planer transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN621K Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button UN621K Datasheet HTML 5Page - Panasonic Semiconductor UN621K Datasheet HTML 6Page - Panasonic Semiconductor UN621K Datasheet HTML 7Page - Panasonic Semiconductor UN621K Datasheet HTML 8Page - Panasonic Semiconductor UN621K Datasheet HTML 9Page - Panasonic Semiconductor UN621K Datasheet HTML 10Page - Panasonic Semiconductor UN621K Datasheet HTML 11Page - Panasonic Semiconductor UN621K Datasheet HTML 12Page - Panasonic Semiconductor UN621K Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Transistors with built-in Resistor
UN6211/6212/6213/6214/6215/6216/6217/6218/
6219/6210/621D/621E/621F/621K/621L
Characteristics charts of UN621D
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
IO — VIN
VIN — IO
Characteristics charts of UN621E
IC — VCE
VCE(sat) — IC
hFE — IC
012
210
48
6
0
30
25
20
15
10
5
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=1.0mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
13
40
80
120
160
10
30
100
300
1000
Collector current IC (mA)
VCE=10V
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
6
5
4
3
2
1
1
3
10
30
100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
1
3
1.5
10
30
100
300
1000
3000
10000
4.0
3.5
3.0
2.5
2.0
Input voltage VIN (V)
VO=5V
Ta=25˚C
012
210
48
6
0
60
50
40
30
20
10
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=1.0mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
13
40
80
120
160
10
30
100
300
1000
Collector current IC (mA)
VCE=10V
Ta=75˚C
25˚C
– 25˚C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Output current IO (mA)
VO=0.2V
Ta=25˚C


Similar Part No. - UN621K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN6221 PANASONIC-UN6221 Datasheet
64Kb / 5P
   Silicon NPN epitaxial planer transistor
UN6222 PANASONIC-UN6222 Datasheet
64Kb / 5P
   Silicon NPN epitaxial planer transistor
UN6223 PANASONIC-UN6223 Datasheet
64Kb / 5P
   Silicon NPN epitaxial planer transistor
UN6224 PANASONIC-UN6224 Datasheet
64Kb / 5P
   Silicon NPN epitaxial planer transistor
More results

Similar Description - UN621K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com