Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR135 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # PLR135
Description  Technical Data Sheet Photo link Light Receiver Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR135 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  PLR135 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR135 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR135 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR135 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR135 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR135 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR135 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR135 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 4 of 8
Device NO.: DPL-135-001
Prepared date: 07-25-2005
Prepared By: Chin-Chia Hsu
PLR135
Measuring Method
*Fig.1 Measuring Method of Maximum and Minimum Input Power that Receiver Unit Need
Transmitter
Standard plastic optic fiber cable
PLR135 Receiver Unit
Control Circuit
Optical Power Meter
*Fig.2 Measuring Method of Dissipation Current
Vin
Standard Transmitter Unit
Signal
Input
47uH
16 Mbps NRZ "0101" successive signal input
Vcc
GND
Standard plastic optic fiber cable
PLR135 Receiver Unit
3V
A
GND
0.1uF
Vcc
Vout


Similar Part No. - PLR135

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLR135-T EVERLIGHT-PLR135-T Datasheet
135Kb / 8P
   Photolink - Fiber Optic Receiver
PLR135-T1 EVERLIGHT-PLR135-T1 Datasheet
129Kb / 8P
   Photolink - Fiber Optic Receiver
PLR135-T10 EVERLIGHT-PLR135-T10 Datasheet
141Kb / 8P
   Photolink- Fiber Optic Receiver
PLR135-T2 EVERLIGHT-PLR135-T2 Datasheet
155Kb / 7P
   Photolink - Fiber Optic Receiver
PLR135-T5A EVERLIGHT-PLR135-T5A Datasheet
128Kb / 8P
   Photolink- Fiber Optic Receiver
More results

Similar Description - PLR135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLR131 ETC-PLR131 Datasheet
113Kb / 5P
   Technical Data Sheet Photo link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155 Datasheet
116Kb / 7P
   Technical Data Sheet Photo link Light Receiver Unit
PLT133 EVERLIGHT-PLT133 Datasheet
171Kb / 7P
   Technical Data Sheet Photo-link Light Transmitter Unit
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
   Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
   Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155_05 Datasheet
155Kb / 8P
   Photo link Light Receiver Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
   Photo link Light Receiver Unit
PLR253 EVERLIGHT-PLR253 Datasheet
146Kb / 8P
   Photo link Light Receiver Unit
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
   Photo-link Light Transmitter Unit
PLT532 EVERLIGHT-PLT532 Datasheet
129Kb / 6P
   Photo-link Light Transmitter Unit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com