Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD00HHS1 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RD00HHS1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD00HHS1 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RD00HHS1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD00HHS1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD00HHS1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD00HHS1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD00HHS1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD00HHS1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUBISHI RF POWER MOS FET
ELECTROSTATIC SENSITIVE DEVICE
RD00HHS1
RoHS Compliance,
Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1
MITSUBISHI ELECTRIC
10 Jan 2006
OBSERVE HANDLING PRECAUTIONS
TYPICAL CHARACTERISTICS
Pin-Po CHARACTERISTICS
10
15
20
25
30
35
-20 -15 -10
-5
0
5
10
Pin(dBm)
0
20
40
60
80
100
Ta=+25°C
f=30MHz
Vdd=12.5V
Idq=50mA
Po
ηd
Gp
Pin-Po CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
024
6
8
10
Pin(mW)
40
50
60
70
80
90
100
Po
ηd
Idd
Ta=25°C
f=30MHz
Vdd=12.5V
Idq=50mA
Vdd-Po CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
24
68
10
12
14
Vdd(V)
0
40
80
120
Po
Idd
Ta=25°C
f=30MHz
Pin=4mW
Icq=50mA
Zg=ZI=50 ohm
Vgs-Ids CHARACTORISTICS 2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
345
Vgs(V)
Vds=10V
Tc=-25~+75°C
-25°C
+75°C
+25°C
Vgs-gm CHARACTORISTICS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
012
345
Vgs(V)
Vds=10V
Tc=-25~+75°C
-25°C
+75°C
+25°C
3/6


Similar Part No. - RD00HHS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
logo
Quanzhou Jinmei Electro...
RD00HHS1 JMNIC-RD00HHS1_15 Datasheet
160Kb / 6P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD00HHS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD100HHF1 MITSUBISHI-RD100HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
RD06HHF1 MITSUBISHI-RD06HHF1_10 Datasheet
265Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com