Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP540B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # SBFP540B
Description  UHF to C Band Low Noise Amplifier, Oscillation Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540B Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button SBFP540B Datasheet HTML 2Page - Sanyo Semicon Device SBFP540B Datasheet HTML 3Page - Sanyo Semicon Device SBFP540B Datasheet HTML 4Page - Sanyo Semicon Device SBFP540B Datasheet HTML 5Page - Sanyo Semicon Device SBFP540B Datasheet HTML 6Page - Sanyo Semicon Device SBFP540B Datasheet HTML 7Page - Sanyo Semicon Device SBFP540B Datasheet HTML 8Page - Sanyo Semicon Device SBFP540B Datasheet HTML 9Page - Sanyo Semicon Device SBFP540B Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SBFP540B
No.7436-6/15
S Parameters (Common emitter)
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.857
--26.2
15.222
161.2
0.021
79.0
0.965
--14.4
400
0.811
--48.9
13.999
145.1
0.037
65.9
0.893
--27.2
600
0.749
--69.3
12.143
131.2
0.049
56.8
0.806
--37.8
800
0.704
--86.5
10.658
120.1
0.058
49.9
0.719
--46.5
1000
0.660
--101.1
9.232
109.4
0.065
44.4
0.641
--53.4
1200
0.620
--114.5
8.149
101.6
0.071
40.1
0.574
--59.0
1400
0.594
--124.6
7.213
95.0
0.074
36.3
0.523
--63.7
1600
0.575
--134.4
6.429
89.1
0.078
33.8
0.480
--67.5
1800
0.551
--142.7
5.767
83.9
0.081
32.1
0.443
--71.0
2000
0.546
--150.2
5.313
79.0
0.084
30.2
0.412
--74.1
2200
0.536
--157.7
4.829
74.2
0.086
29.2
0.388
--76.9
2400
0.520
--164.1
4.441
70.3
0.089
27.8
0.365
--79.7
2600
0.514
--170.4
4.104
66.1
0.092
26.8
0.346
--82.0
2800
0.510
--175.9
3.834
62.3
0.094
26.6
0.332
--84.4
3000
0.509
179.9
3.598
58.4
0.097
25.2
0.319
--87.0
3200
0.506
175.2
3.371
54.5
0.100
25.1
0.309
--89.4
3400
0.499
170.2
3.180
51.5
0.103
24.3
0.298
--91.9
3600
0.498
165.8
3.035
48.1
0.107
23.6
0.289
--94.3
3800
0.495
162.0
2.870
44.6
0.110
23.1
0.282
--96.9
4000
0.498
157.3
2.748
41.6
0.113
22.2
0.276
--99.4
4200
0.495
153.8
2.640
38.2
0.117
21.4
0.270
--102.1
4400
0.493
150.0
2.516
35.2
0.121
20.5
0.266
--105.1
4600
0.495
145.8
2.406
31.8
0.125
19.5
0.261
--107.8
4800
0.493
142.3
2.310
28.7
0.129
18.9
0.257
--110.7
5000
0.497
137.9
2.228
25.7
0.134
17.7
0.252
--113.5
5200
0.494
135.3
2.153
22.3
0.137
16.7
0.250
--116.5
5400
0.499
131.8
2.059
19.6
0.142
15.7
0.246
--119.7
5600
0.492
128.3
2.004
16.4
0.147
14.6
0.243
--122.8
5800
0.496
124.8
1.937
13.9
0.151
13.1
0.240
--126.0
6000
0.506
121.2
1.878
10.6
0.156
12.0
0.237
--129.0


Similar Part No. - SBFP540B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540D SANYO-SBFP540D Datasheet
79Kb / 13P
   SBFP540D
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
More results

Similar Description - SBFP540B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420B SANYO-SBFP420B Datasheet
54Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5490 SANYO-2SC5490 Datasheet
39Kb / 4P
   UHF to S Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com