Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89832UMGTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89832UMGTR
Description  2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89832UMGTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89832UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89832UMGTR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY89832U
Micrel, Inc.
M9999-092005
hbwhelp@micrel.com or (408) 955-1690
September 2005
INPUT INTERFACE APPLICATIONS
NC
CML
IN
/IN
VT
NC
SY89832U
VCC = 2.5V
VCC = 2.5V
VREF_AC
Figure 3a. DC-Coupled CML
Input Interface
CML
IN
/IN
VT
VCC = 2.5V
VCC = 2.5V
SY89832U
VREF_AC
0.01
µF
VCC
Figure 3b. AC-Coupled CML
Input Interface
LVPECL
IN
/IN
VT
VCC = 2.5V
VCC = 2.5V
SY89832U
VREF_AC
VCC–2V*
NC
0.01
µF
19
VCC
Figure 3c. DC-Coupled LVPECL
Input Interface
IN
/IN
VT
Rpd
50
Rpd
50
VCC = 2.5V
VCC = 2.5V
SY89832U
VREF_AC
VCC = 2.5V
0.01
µF
LVPECL
Figure 3d. AC-Coupled LVPECL
Input Interface
NC
LVDS
IN
/IN
VT
NC
SY89832U
VCC = 2.5V
VCC = 2.5V
VREF_AC
Figure 3e. LVDS
Input Interface
Part Number
Function
Data Sheet Link
SY89830U
2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL
Clock Driver with 2:1 Differential Input MUX
http://www.micrel.com/product-info/products/sy89830u.shtml
SY89831U
Ultra-Precison 1:4 LVPECL Fanout Buffer/Translator
with Internal Termination
http://www.micrel.com/product-info/products/sy89831u.shtml
SY89833U
3.3V Ultra-Precision 1:4 LVDS Fanout Buffer
with Internal Termination
http://www.micrel.com/product-info/products/sy89833u.shtml
SY89834U
2.5/3.3V Two Input, 1GHz LVTTL/CMOS-to-LVPECL
1:4 Fanout Buffer/Translator
http://www.micrel.com/product-info/products/sy89834u.shtml
16-MLF™ Manufacturing Guidelines
Exposed Pad Application Note
http://www.amkor.com/products/notes_papers/MLF_appnote_0301.pdf
HBW Solutions
New Products and Applications
http://www.micrel.com/product-info/as/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION
(*Bypass with 0.01
µF to GND)


Similar Part No. - SY89832UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832UMGTR MICREL-SY89832UMGTR Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832UMGTR MICREL-SY89832UMGTR Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
More results

Similar Description - SY89832UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com