Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89834U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor SY89834U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Precision Edge®
SY89832U
Micrel, Inc.
M9999-092005
hbwhelp@micrel.com or (408) 955-1690
September 2005
TYPICAL OPERATING CHARACTERISTICS
0
50
100
150
200
250
300
350
400
0
0.5
1
1.5
2
2.5
3
FREQUENCY (MHz)
Output Swing
vs. Frequency
325
350
375
400
425
450
475
500
525
100
300
500
700
900
INPUT VOLTAGE SWING (V)
Propagation Delay
vs. Input Voltage Swing
VCC = 2.5V, GND = 0V, R
L = 100Ω across the outputs; T
A = 25°C, VIN = 400mV, unless otherwise stated.


Similar Part No. - SY89834U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89834U MICREL-SY89834U Datasheet
105Kb / 10P
   2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
SY89834U MICREL-SY89834U Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMG MICREL-SY89834UMG Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMGTR MICREL-SY89834UMGTR Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMI MICREL-SY89834UMI Datasheet
105Kb / 10P
   2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89834U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com