Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA33-5R2G25RD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TA33-5R2G25RD
Description  Dual Value, Chip Resistor Center Tap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA33-5R2G25RD Datasheet(HTML) 1 Page - Vishay Siliconix

  TA33-5R2G25RD Datasheet HTML 1Page - Vishay Siliconix TA33-5R2G25RD Datasheet HTML 2Page - Vishay Siliconix TA33-5R2G25RD Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 60066
Revision 24-Feb-06
www.vishay.com
150
TA 33
Vishay Sfernice
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
Dual Value, Chip Resistor Center Tap
Actual Size
SCHEMATIC
These tantalum chips combine excellent stability 0.07 %
(2000 hours, rated power at 70 °C) with great power han-
dling capacity. Two bonding pads per termination allow
greater flexibility in hybrid layout design.
RT
R1
R2
RT = R1 + R2 with R1 = R2 Standard
FEATURES
• Center tap feature
• Resistor material: self - passivating
Tantalum Nitride
• Silicon substrate for good power dissipation
• Low cost
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
TANTALUM NITRIDE
Resistance Range
50 ohms to 500 Kohms
for R
T = R1 + R2
TCR:
Tracking
± 5 ppm/°C
- 55 °C to + 155 °C
Absolute
± 100 ppm/°C (± 50 ppm/°C on Request)
- 55 °C to + 155 °C
Tolerance:
Ratio
1/1 standard
Absolute
± 0.5 %, ± 1 %, ± 2 %
Matching
± 0.5 % Standard
Power Dissipation
250 mW at + 25 °C, 125 mW at + 70 °C, 50 mW at + 125 °C
Stability
± 0.07 % typical, ± 0.1 Max.
2000 hrs. at +70 °C under Pn
Working Voltage
50 Volts DC on R
T
Operating Temperature Range
- 55 °C to + 155 °C
Storage Temperature Range
- 55 °C to + 155 °C
Noise
< - 35 dB typical
MIL-STD-202 Method 308
Thermal EMF
0.01 µV/°C
Shelf Life Stability
100 ppm
1 year at + 25 °C
STANDARD ELECTRICAL SPECIFICATIONS
ABS
TRACKING
TCR
100 ppm/
°C
5 ppm/
°C
ABS
RATIO
TOL
0.5 %
0.5 %
TYPICAL PERFORMANCE
RoHS
COMPLIANT


Similar Part No. - TA33-5R2G25RD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA33-5R2G25RD0016 VISHAY-TA33-5R2G25RD0016 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
More results

Similar Description - TA33-5R2G25RD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
   Dual Value Chip Resistor, Center Tap
Revision 27-Apr-01
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
   Dual Value Chip Resistor, Center Tap
Revision 22-Jul-03
CS33 VISHAY-CS33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
TA33 VISHAY-TA33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RMK33N VISHAY-RMK33N_08 Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
S30R VISHAY-S30R Datasheet
257Kb / 3P
   Center Tap Chip Resistor
Revision 01-May-03
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Surge Components
MBR1645CT SURGE-MBR1645CT Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR3045CT SURGE-MBR3045CT Datasheet
462Kb / 5P
   Dual rectifier construction, positive center tap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com