Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-01UYC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 30-01UYC
Description  Fewer LEDs Required, Lowers Lighting System Cost
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01UYC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  30-01UYC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 30-01UYC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 30-01UYC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 30-01UYC Datasheet HTML 4Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
DLE-300-002
REV:
4.0
PART NO :
30-01UYC
ECN :
Page:
4/4
Typical Electro-Optical Characteristic Curves
Specifications for Bin Grading
30-01UYC-
12
3
1VF(v)
2
λd(nm)
3
Φv(mlm)
Bin
Min
Max
Bin
Min
Max
Bin
Min
Max
1
1.71
1.95
A
585
591
U
500
830
2
1.83
2.07
B
589
594
V
680
1310
3
1.95
2.19
C
592
597
W
990
1760
4
2.07
2.31
X
1440
2750
5
2.19
2.43
Y
2250
4100
6
2.31
2.55
7
2.43
2.67
8
2.55
2.79
9
2.67
2.91
Device Number :


Similar Part No. - 30-01UYC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01USOC-S400-A9 EVERLIGHT-30-01USOC-S400-A9 Datasheet
101Kb / 6P
   Technical Data Sheet 3mm POWER LED
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
30-01UWC/S463 EVERLIGHT-30-01UWC/S463 Datasheet
139Kb / 6P
   HIGH POWER LED
More results

Similar Description - 30-01UYC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
   Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
logo
Vectron International, ...
MT-9560A VECTRON-MT-9560A Datasheet
652Kb / 7P
   Improved stability reduces system power with fewer network timekeeping updates
logo
List of Unclassifed Man...
701269-WLPY-MB ETC2-701269-WLPY-MB Datasheet
278Kb / 2P
   Versatile LED lighting system
HP04S ETC2-HP04S Datasheet
129Kb / 4P
   Low cost and no external components required.
logo
MKS Instruments.
41B MKS-41B Datasheet
181Kb / 4P
   Provides high reliability which reduces downtime and lowers the cost of ownership
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
   SOLID-STATE LED LIGHTING SYSTEM
logo
National Semiconductor ...
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
   Lighting Management System for Six White LEDs and One RGB or FLASH LED
logo
Molex Electronics Ltd.
0192860117 MOLEX-0192860117 Datasheet
141Kb / 20P
   Manual Putt Pump Hydraulic System, Die set required
03/24/2022
logo
List of Unclassifed Man...
701948-5WSWT2 ETC2-701948-5WSWT2 Datasheet
1Mb / 3P
   LED lighting system for fuel canopies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com