Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG30N120CN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HGTG30N120CN
Description  75A, 1200V, NPT Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG30N120CN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HGTG30N120CN Datasheet HTML 1Page - Fairchild Semiconductor HGTG30N120CN Datasheet HTML 2Page - Fairchild Semiconductor HGTG30N120CN Datasheet HTML 3Page - Fairchild Semiconductor HGTG30N120CN Datasheet HTML 4Page - Fairchild Semiconductor HGTG30N120CN Datasheet HTML 5Page - Fairchild Semiconductor HGTG30N120CN Datasheet HTML 6Page - Fairchild Semiconductor HGTG30N120CN Datasheet HTML 7Page - Fairchild Semiconductor HGTG30N120CN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG30N120CN Rev. B
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 150
oC
ICE = 30A
VCE = 960V
VGE = 15V
RG = 3Ω
L = 1mH
Test Circuit (Figure 18)
-22
28
ns
Current Rise Time
trI
-21
26
ns
Current Turn-Off Delay Time
td(OFF)I
-
260
300
ns
Current Fall Time
tfI
-
350
400
ns
Turn-On Energy (Note 4)
EON1
-
2.6
-
mJ
Turn-On Energy (Note 4)
EON2
-
5.6
7.0
mJ
Turn-Off Energy (Note 5)
EOFF
-
6.6
7.5
mJ
Thermal Resistance Junction To Case
RθJC
-
-
0.25
oC/W
NOTES:
4. Values for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2
is the turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in
Figure 18.
5. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TC, CASE TEMPERATURE (
oC)
50
10
0
40
20
30
60
VGE = 15V
25
75
100
125
150
50
70
80
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
1400
120
0
40
80
600
800
400
200
1000
1200
0
160
200
TJ = 150
oC, R
G = 3Ω, VGE = 15V, L = 200µH
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 0.25
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
TJ = 150
oC, R
G = 3Ω, L = 1mH, VCE = 960V
5
ICE, COLLECTOR TO EMITTER CURRENT (A)
1
10
60
20
100
10
TC
VGE
110oC
12V
15V
15V
75oC
110oC
75oC
12V
VGE, GATE TO EMITTER VOLTAGE (V)
11
12
13
14
15
16
0
10
20
30
40
100
200
300
400
tSC
ISC
50
500
0
VCE = 960V, RG = 3Ω, TJ = 125
oC
HGTG30N120CN


Similar Part No. - HGTG30N120CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG30N120CN INTERSIL-HGTG30N120CN Datasheet
81Kb / 7P
   75A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG30N120CN INTERSIL-HGTG30N120CN Datasheet
40Kb / 5P
   30A, 1200V N-Channel IGBT
April 1995
More results

Similar Description - HGTG30N120CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG30N120CN INTERSIL-HGTG30N120CN Datasheet
81Kb / 7P
   75A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com