Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705E6 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC68HC705E6
Description  HCMOS Microcontroller Unit
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705E6 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68HC705E6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC705E6 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
General Description
MC68HC05E6 — Rev. 1.0
General Description
References specific to the MC68HC705E6 are italicised in the text.
NOTE:
Information given for the MC68HC705E6 cannot be guaranteed. All
values are design targets only and may change before the device is
qualified.
Features
Fully static design featuring the industry-standard M68HC05 core
On-chip oscillator with crystal or ceramic resonator clock options
6000 bytes of user ROM plus 16 bytes of user vectors
(MC68HC05E6);
6144 bytes of user EPROM plus 16 bytes of user
vectors (MC68HC705E6)
240 bytes of bootloader ROM (MC68HC705E6)
160 bytes of EEPROM
128 bytes of RAM
Single supply voltage (no external voltage required for EEPROM
programming)
4-channel, 8-bit A/D converter
16-bit programmable timer with input capture and output compare
15-stage multipurpose core timer with overflow, watchdog and
real-time interrupt
32 programmable bidirectional I/O lines and four input-only lines
including eight fixed wire pull-ups (port A), eight fixed wire
pull-downs (port B) and 16 software selectable pull-ups (ports C
and D)
Keyboard interrupt facility available on all pins of port C
Low voltage indicator (LVI)
Power saving STOP and WAIT modes
Available in 44-pin QFP and 28-pin SOIC packages; four of the
ports are not fully bonded out in the 28-pin package (see Figure 1)
2-gen
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC705E6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC705E1 NXP-MC68HC705E1 Datasheet
3Mb / 60P
   Low cost
REV 2.0
logo
Freescale Semiconductor...
MC68HC705E5 FREESCALE-MC68HC705E5 Datasheet
3Mb / 148P
   General Release Specification
logo
NXP Semiconductors
MC68HC705E5 NXP-MC68HC705E5 Datasheet
1Mb / 148P
   General Release Specification
REV. 1.0 February 3, 1997
logo
Freescale Semiconductor...
MC68HC705E5DW FREESCALE-MC68HC705E5DW Datasheet
3Mb / 148P
   General Release Specification
logo
NXP Semiconductors
MC68HC705E5DW NXP-MC68HC705E5DW Datasheet
1Mb / 148P
   General Release Specification
REV. 1.0 February 3, 1997
More results

Similar Description - MC68HC705E6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com