Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC05E6DW Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC68HC05E6DW
Description  HCMOS Microcontroller Unit
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC05E6DW Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC68HC05E6DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC05E6DW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
General Description
Mask options
MC68HC05E6 — Rev. 1.0
General Description
Mask options
There are two mask options on the MC68HC05E6 which are
programmed during manufacture and therefore must be specified on the
order form; COP watchdog timer enable/disable and STOP instruction
enable/disable.
LVI/options
register (LVI/OPT)
In addition, the IRQ pin can be configured to be either edge or
edge-and-level sensitive. This is done using the IRQ bit in the
LVI/options register at $0F.
There are two options on the MC68HC705E6 which are programmed
using configuration bits in the LVI/options register; COP watchdog timer
enable/disable and edge or edge-and-level sensitive IRQ triggering. The
STOP instruction is permanently enabled on the MC68HC705E6.
COP — Computer operating properly watchdog enable/disable
1 = COP watchdog disabled.
0 = COP watchdog enabled.
Reset clears this bit, thus the COP watchdog is enabled automatically
after reset. Because of the ‘write-once’ nature of the COP bit, it is
recommended that it be written to immediately after reset to lock the
desired state.
IRQ — Interrupt triggering sensitivity
1 = IRQ is negative edge-and-level sensitive
0 = IRQ is negative edge sensitive only
Reset clears the IRQ bit.
NOTE:
The bits in the LVIOPT register which are shaded are not relevant to this
section of the data sheet. These bits are described in Resets and
Interrupts.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
LVI/options (LVIOPT)
$000F LVIINT LVIVAL LVIRST LVIENA
COP
IRQ
0u00 0u00
3-gen
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC05E6DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05E0 MOTOROLA-MC68HC05E0 Datasheet
975Kb / 96P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05E1 NXP-MC68HC05E1 Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1CP NXP-MC68HC05E1CP Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1MP NXP-MC68HC05E1MP Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1P NXP-MC68HC05E1P Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
More results

Similar Description - MC68HC05E6DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com