Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN4555MNR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCN4555MNR2
Description  1.8V / 3V SIM Card Power Supply and Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN4555MNR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCN4555MNR2 Datasheet HTML 4Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 5Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 6Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 7Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 8Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 9Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 10Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 11Page - ON Semiconductor NCN4555MNR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCN4555
http://onsemi.com
9
The typical waveform provided in Figure 10 shows how
the accelerator operates. During the first 200 ns (typical),
the slope of the rise time is solely a function of the pullup
resistor associated with the stray capacitance. During this
period, the PMOS devices are not activated since the input
voltage is below their Vgs threshold. When the input slope
crosses the Vgsth, the opposite one shot is activated,
providing a low impedance to charge the capacitance, thus
increasing the rise time as depicted in Figure 10. The same
mechanism applies for the opposite side of the line to make
sure the system is optimum.
INPUT SCHMITT TRIGGERS
All the Logic input pins (excepted I/O and SIM_I/O, See
Figure 3) have built−in Schmitt trigger circuits to prevent
the NCN4555 against uncontrolled operation. The typical
dynamic characteristics of the related pins are depicted
Figure 11.
The output signal is guaranteed to go High when the input
voltage is above 0.7 x VDD, and will go Low when the input
voltage is below 0.2 x VDD or 0.4 V depending on the input
considered (see the Digital Input Table on page 5).
SHUTDOWN OPERATING
In order to save power or for other purpose required by the
application it is possible to put the NCN4555 in a shutdown
mode by setting Low the pin STOP. On the other hand the
device enters automatically in a shutdown mode when VDD
becomes lower than 1.1 V typically.
ESD PROTECTION
The NCN4555 SIM interface features an HBM ESD
voltage protection in excess of 7 kV for all the SIM pins
(SIM_IO, SIM_CLK, SIM_RST, SIM_VCC and GND). All
the other pins (microcontroller side) sustain at least 2 kV.
These values are guaranteed for the device in its full integrity
without considering the external capacitors added to the
circuit for a proper operating. Consequently in the operating
conditions it is able to sustain much more than 7 kV on its
SIM pins making it perfectly protected against electrostatic
discharge well over the HBM ESD voltages required by the
ISO7816 standard (4 kV).
PRINTED CIRCUIT BOARD LAYOUT
Careful layout routing will be applied to achieve a good
and efficient operating of the device in its mobile or portable
environment and fully exploit its performance.
The bypass capacitors have to be connected as close as
possible to the device pins (SIM_VCC, VDD or VBAT) in
order to reduce as much as possible parasitic behaviors
(ripple
and
noise).
It
is
recommended
to
use
ceramic capacitors.
The exposed pad of the QFN−16 package will be
connected to the ground as well as the unconnected pins
(NC). A relatively large ground plane is recommended.
Figures 12 and 13 shows an example of PCB device
implementation in an evaluation environment.
Figure 10. SIM_IO Typical Rise and Fall Times with
Stray Capacitance > 30 pF
(33 pF Capacitor Connected on the Board)
OUTPUT
VDD
ON
OFF
0.2 x VDD
or 0.4 V
0.7 x VDD
INPUT
Figure 11. Typical Schmitt Trigger Characteristics


Similar Part No. - NCN4555MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN4555MNR2G ONSEMI-NCN4555MNR2G Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
More results

Similar Description - NCN4555MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Texas Instruments
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com