Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC05E6MFB Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC68HC05E6MFB
Description  HCMOS Microcontroller Unit
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC05E6MFB Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC68HC05E6MFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC05E6MFB Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 140 page
background image
MC68HC05E6 — Rev. 1.0
General Description
General Description
General Description
Contents
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Mask options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Introduction
The MC68HC05E6 is a member of the M68HC05 family of HCMOS
microcomputers. Features of the MC68HC05E6 include 6K bytes of user
ROM, 160 bytes of EEPROM, a keyboard interface, an A/D converter and
a 16-bit timer. The device is further enhanced by a core timer which
enables real time interrupts at, for example, 8ms intervals and a
watchdog facility which guards against CPU ‘runaway’. The on-board
EEPROM facilitates storage of alterable, non-volatile, user specified
data, such as personalisation data or control parameters. The features
highlighted make the part ideally suited to various control applications,
while the low voltage design and low cost option ensure that it can also
be used in telecommunications applications such as telephone handsets.
For maximum I/O capability, the 44-pin version of the MC68HC05E6 is
recommended, however for cost-sensitive applications a 28-pin version
is also available.
NOTE:
The entire data sheet applies to the 44-pin version of the device,
however some of the features are not available to the user when the part
is bonded in the 28-pin package (see Figure 1).
The MC68HC705E6 is an EPROM version of the MC68HC05E6, with
the user ROM replaced by a similar amount of EPROM. All references
to the MC68HC05E6 apply equally to the MC68HC705E6, unless
otherwise noted.
1-gen
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC05E6MFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05E0 MOTOROLA-MC68HC05E0 Datasheet
975Kb / 96P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05E1 NXP-MC68HC05E1 Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1CP NXP-MC68HC05E1CP Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1MP NXP-MC68HC05E1MP Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
MC68HC05E1P NXP-MC68HC05E1P Datasheet
1Mb / 86P
   There are four mask options on the MC68HC05E1: STOP instruction,IRQ,COP Watchdog Timer,and CPI Rate
Revision 2.0
More results

Similar Description - MC68HC05E6MFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com