Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN4555MNG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCN4555MNG
Description  1.8V / 3V SIM Card Power Supply and Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN4555MNG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCN4555MNG Datasheet HTML 4Page - ON Semiconductor NCN4555MNG Datasheet HTML 5Page - ON Semiconductor NCN4555MNG Datasheet HTML 6Page - ON Semiconductor NCN4555MNG Datasheet HTML 7Page - ON Semiconductor NCN4555MNG Datasheet HTML 8Page - ON Semiconductor NCN4555MNG Datasheet HTML 9Page - ON Semiconductor NCN4555MNG Datasheet HTML 10Page - ON Semiconductor NCN4555MNG Datasheet HTML 11Page - ON Semiconductor NCN4555MNG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCN4555
http://onsemi.com
10
EVALUATION BOARD AND PCB GUIDELINES
12
11
10
9
8
7
6
5
4
3
2
1
Figure 12. NCN4555 engineering test board schematic diagram
GND
GND
GND
GND
GND
NC
NC
NC
NC
NC
NC
NC
GND
GND
J8
SENSE_SIM_VCC
C1
100 nF
MBRA140T3
MBRA140T3
S2
S1
STOP
MOD_VCC
R5
2.2 k


Similar Part No. - NCN4555MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN4555MNG ONSEMI-NCN4555MNG Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
More results

Similar Description - NCN4555MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Texas Instruments
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com