Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88155PFTG-113-JN-EFE1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB88155PFTG-113-JN-EFE1
Description  Spread Spectrum Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88155PFTG-113-JN-EFE1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB88155PFTG-113-JN-EFE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB88155PFTG-113-JN-EFE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MB88155
2
■ PRODUCT LINEUP
The MB88155 is available in different models : 2 models different in multiplier (
× 1 and × 4) , 2 in modulation
type (center-spreading and down-spreading) , 2 in input frequency range at a multiplier of 1 (12.5 MHz to
25 MHz and 25 MHz to 50 MHz) , and 1 in input frequency range at a multiplier of 4 (12.5 MHz to 20 MHz) .
The MB88155 is also available in two versions : modulation-on/off selectable version (with ENS pin) and power-
down function built-in version (with XPD pin) .
Line-up of MB88155
Product
Input frequency
Multiplication
rate
Output
frequency
Modulation
type
Modulation
enable pin
Power
down pin
MB88155-100
12.5 MHz to 25 MHz
Multiplied by 1
The same as
input frequency
Down
spread
Yes
No
MB88155-101
25 MHz to 50 MHz
MB88155-102
12.5 MHz to 25 MHz
No
Yes
MB88155-103
25 MHz to 50 MHz
MB88155-110
12.5 MHz to 25 MHz
Center
spread
Yes
No
MB88155-111
25 MHz to 50 MHz
MB88155-112
12.5 MHz to 25 MHz
No
Yes
MB88155-113
25 MHz to 50 MHz
MB88155-400
12.5 MHz to 20 MHz Multiplied by 4
50 MHz to
80 MHz
Down
spread
Yes
No
MB88155-402
No
Yes
MB88155-410
Center
spread
Yes
No
MB88155-412
No
Yes
MB88155-M T F
Input frequency range,
With/without ENS/XPD
Multiplied
by 1
0 : 12.5 MHz to 25.0 MHz, With ENS, Without XPD
1 : 25.0 MHz to 50.0 MHz, With ENS, Without XPD
2 : 12.5 MHz to 25.0 MHz, Without ENS, With XPD
3 : 25.0 MHz to 50.0 MHz, Without ENS, With XPD
Multiplied
by 4
0 : 12.5 MHz to 20.0 MHz, With ENS, Without XPD
2 : 12.5 MHz to 20.0 MHz, Without ENS, With XPD
Spread type
→ 0 : Down spread, 1 : Center spread
Multiplication rate setting
→ 1 : Multiplied by 1, 4 : Multiplied by 4


Similar Part No. - MB88155PFTG-113-JN-EFE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB88155PFT-G-100 CYPRESS-MB88155PFT-G-100 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
MB88155PFT-G-101 CYPRESS-MB88155PFT-G-101 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
MB88155PFT-G-102 CYPRESS-MB88155PFT-G-102 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
MB88155PFT-G-103 CYPRESS-MB88155PFT-G-103 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
MB88155PFT-G-110 CYPRESS-MB88155PFT-G-110 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
More results

Similar Description - MB88155PFTG-113-JN-EFE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com