Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR25000Z01505JA500 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VR25000Z01505JA500
Description  High Ohmic/High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25000Z01505JA500 Datasheet(HTML) 4 Page - Vishay Siliconix

  VR25000Z01505JA500 Datasheet HTML 1Page - Vishay Siliconix VR25000Z01505JA500 Datasheet HTML 2Page - Vishay Siliconix VR25000Z01505JA500 Datasheet HTML 3Page - Vishay Siliconix VR25000Z01505JA500 Datasheet HTML 4Page - Vishay Siliconix VR25000Z01505JA500 Datasheet HTML 5Page - Vishay Siliconix VR25000Z01505JA500 Datasheet HTML 6Page - Vishay Siliconix VR25000Z01505JA500 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 28732
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 06-Dec-05
171
VR25
High Ohmic/High Voltage Resistors
Vishay BCcomponents
Derating
Pulse Loading Capability
70
100
50
0
0
50
100
155
- 55
Tamb (°C)
Pmax
(%Prated)
Maximum dissipation (Pmax) in percentage of rated power
as a function of the ambient temperature (Tamb)
The power that the resistor can dissipate depends on the operating
temperature.
4
6
8
10
102
20
10-2
10
1
Rn (MΩ)
Vmax
(kV)
^
10-1
Maximum allowed peak pulse voltage in accordance with
“IEC 60065 chapter 14.1”; 50 discharges from a 1 nF capacitor
charged to
; 12 discharges/minute (drift
∆R/R ≤ 2 %)
V
max
Application Information
100
0
0.1
0.3
0
0.2
20
40
60
80
P (W)
∆T
(K)
Hot-spot temperature rise (
∆T) as a function of dissipated power
50
0
0.1
0.3
0
0.2
10
20
30
40
P (W)
∆T
(K)
5 mm
10 mm
15 mm
Temperature rise (
∆T) at the lead end (soldering point) as a function
of dissipated power at various lead lengths after mounting


Similar Part No. - VR25000Z01505JA500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000Z01503FA100 VISHAY-VR25000Z01503FA100 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FA200 VISHAY-VR25000Z01503FA200 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FA500 VISHAY-VR25000Z01503FA500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FN400 VISHAY-VR25000Z01503FN400 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FR500 VISHAY-VR25000Z01503FR500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results

Similar Description - VR25000Z01505JA500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37 VISHAY-VR37 Datasheet
112Kb / 6P
   High Ohmic/High Voltage Resistors
Revision: 24-Feb-04
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
logo
YAGEO Corporation
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
YAGEO Corporation
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com