Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6108N18AML Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6108N18AML
Description  Voltage Detector with Separated Sense Pin and Delay Type Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6108N18AML Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6108N18AML Datasheet HTML 6Page - Torex Semiconductor XC6108N18AML Datasheet HTML 7Page - Torex Semiconductor XC6108N18AML Datasheet HTML 8Page - Torex Semiconductor XC6108N18AML Datasheet HTML 9Page - Torex Semiconductor XC6108N18AML Datasheet HTML 10Page - Torex Semiconductor XC6108N18AML Datasheet HTML 11Page - Torex Semiconductor XC6108N18AML Datasheet HTML 12Page - Torex Semiconductor XC6108N18AML Datasheet HTML 13Page - Torex Semiconductor XC6108N18AML Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
XC6108 Series
SYMBOL
E-1
E-2
E-3
E-4
SETTING OUTPUT
VOLTAGE
DETECT VOLTAGE
(*1) (V)
HYSTERESIS
RANGE
(V)
HYSTERESIS
RANGE
(V)
SENSE
RESISTANCE
(MΩ)
VDF
VHYS
VHYS
RSEN
VDF(T)
(V)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
TYP.
0.8
0.770
0.830
0.015
0.066
0.008
0.9
0.870
0.930
0.017
0.074
0.009
1.0
0.970
1.030
0.019
0.082
0.010
1.1
1.070
1.230
0.021
0.090
0.011
1.2
1.170
1.230
0.023
0.098
0.012
1.3
1.270
1.330
0.025
0.106
0.013
1.4
1.370
1.430
0.027
0.114
0.014
1.5
1.470
1.530
0.029
0.122
0.015
1.6
1.568
1.632
0.031
0.131
0.016
1.7
1.666
1.734
0.033
0.085
0.017
1.8
1.764
1.836
0.035
0.147
0.018
1.9
1.862
1.938
0.037
0.155
0.019
10
20
2.0
1.960
2.040
0.039
0.163
0.020
2.1
2.058
2.142
0.041
0.171
0.021
2.2
2.156
2.244
0.043
0.180
0.022
2.3
2.254
2.346
0.045
0.188
0.023
2.4
2.352
2.448
0.047
0.196
0.024
2.5
2.450
2.550
0.049
0.204
0.026
2.6
2.548
2.652
0.051
0.212
0.027
2.7
2.646
2.754
0.053
0.220
0.028
2.8
2.744
2.856
0.055
0.228
0.029
2.9
2.842
2.958
0.057
0.237
0.030
3.0
2.940
3.060
0.059
0.245
0.031
3.1
3.038
3.162
0.061
0.253
0.032
3.2
3.136
3.264
0.063
0.261
0.033
3.3
3.234
3.366
0.065
0.269
0.034
3.4
3.332
3.468
0.067
0.277
0.035
3.5
3.430
3.570
0.069
0.286
0.036
3.6
3.528
3.672
0.071
0.294
0.037
3.7
3.626
3.774
0.073
0.302
0.038
3.8
3.724
3.876
0.074
0.310
0.039
3.9
3.822
3.978
0.076
0.318
0.040
13
24
4.0
3.920
4.080
0.078
0.326
0.041
4.1
4.018
4.182
0.080
0.335
0.042
4.2
4.116
4.284
0.082
0.343
0.043
4.3
4.214
4.386
0.084
0.351
0.044
4.4
4.312
4.488
0.086
0.359
0.045
4.5
4.410
4.590
0.088
0.367
0.046
4.6
4.508
4.692
0.090
0.375
0.047
4.7
4.606
4.794
0.092
0.384
0.048
4.8
4.704
4.896
0.094
0.392
0.049
4.9
4.802
4.998
0.096
0.400
0.050
5.0
4.900
5.100
0.098
0.408
0
0.051
15
28
VOLTAGE CHART
NOTE:
*1: When VDF(T)≦1.4V, the detection accuracy is ±30mV.
When VDF(T)≧1.5V, the detection accuracy is ±2%.


Similar Part No. - XC6108N18AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
More results

Similar Description - XC6108N18AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com