Electronic Components Datasheet Search |
|
MB88155PFTG-400-JN-ERE1 Datasheet(PDF) 6 Page - Fujitsu Component Limited. |
|
MB88155PFTG-400-JN-ERE1 Datasheet(HTML) 6 Page - Fujitsu Component Limited. |
6 / 24 page MB88155 6 ■ HANDLING DEVICES Preventing Latch-up A latch-up can occur if, on this device, (a) a voltage higher than VDD or a voltage lower than VSS is applied to an input or output pin or (b) a voltage higher than the rating is applied between VDD and VSS. The latch-up, if it occurs, significantly increases the power supply current and may cause thermal destruction of an element. When you use this device, be very careful not to exceed the maximum rating. Handling unused pins Do not leave an unused input pin open, since it may cause a malfunction. Handle by, using a pull-up or pull- down resistor. Unused output pin should be opened. The attention when the external clock is used Input the clock to XIN pin, and XOUT pin should be opened when you use the external clock. Please pay attention so that an overshoot and an undershoot do not occur to an input clock of XIN pin. Power supply pins Please design connecting the power supply pin of this device by as low impedance as possible from the current supply source. We recommend connecting electrolytic capacitor (about 10 µF) and the ceramic capacitor (about 0.01 µF) in parallel between VSS and VDD near the device, as a bypass capacitor. Oscillation circuit Noise near the XIN and XOUT pins may cause the device to malfunction. Design printed circuit boards so that electric wiring of XIN or XOUT pin and the resonator do not intersect other wiring. Design the printed circuit board that surrounds the XIN and XOUT pins with ground. |
Similar Part No. - MB88155PFTG-400-JN-ERE1 |
|
Similar Description - MB88155PFTG-400-JN-ERE1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |