Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR25000001503JN400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VR25000001503JN400
Description  High Ohmic/High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25000001503JN400 Datasheet(HTML) 2 Page - Vishay Siliconix

  VR25000001503JN400 Datasheet HTML 1Page - Vishay Siliconix VR25000001503JN400 Datasheet HTML 2Page - Vishay Siliconix VR25000001503JN400 Datasheet HTML 3Page - Vishay Siliconix VR25000001503JN400 Datasheet HTML 4Page - Vishay Siliconix VR25000001503JN400 Datasheet HTML 5Page - Vishay Siliconix VR25000001503JN400 Datasheet HTML 6Page - Vishay Siliconix VR25000001503JN400 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28732
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 06-Dec-05
169
VR25
High Ohmic/High Voltage Resistors
Vishay BCcomponents
12NC - resistor type and packing
TYPE
TOL.
(%)
ORDERING CODE 2322 241 .....
BANDOLIER IN AMMOPACK
BANDOLIER
ON REEL
RADIAL TAPED
STRAIGHT LEADS
4000
units
52 mm
26 mm
52 mm
52 mm
1000
units
2000
units
5000
units
5000
units
VR25
± 1
0....
8....
-
7....
6....
± 5
36...
13...
43...
53...
23...
± 10
-
12...
42...
52...
22...
Note
Products can be ordererd using either the 12NC or the PART NUMBER. The PART NUMBER is shown to facilitate the introduction of a unified
part numbering system. Currently, this PART NUMBER is applicable in the Americas only.
PART NUMBER
PART NUMBER: VR25000001503JA100
MODEL/SIZE
SPECIAL CHARACTER
TC/MATERIAL
VALUE
TOLERANCE
PACKING1)
SPECIAL
VR25000
0 = neutral
Z = value overflow
(Special)
0 = standard
3 digit value
1 digit multiplier
Multiplier:
3 = *103
4 = *104
5 = *105
F = ± 1 %
J = ± 5 %
K = ± 10 %
A5
A2
A1
R5
N4
The 2 digits
are used for
all special
parts.
00 = standard
PRODUCT DESCRIPTION: VR25 5 % A1 150K
VR25
5 %
A1
150K
MODEL/SIZE
TOLERANCE
PACKING1)
RESISTANCE VALUE
VR25
± 1 %
± 5 %
± 10 %
A1
A5
47K = 47 K
50R1 = 50.1
1) Please refer to table PACKING.
PACKING
CODE
PIECES
DESCRIPTION
MODEL/SIZE
A5
5000
Bandolier in ammopack straight leads 52 mm
VR25
A2
2000
Bandolier in ammopack straight leads 26 mm
A1
1000
Bandolier in ammopack straight leads 52 mm
R5
5000
Bandolier on reel straight leads 52 mm
N4
4000
Bandolier in ammopack radial taped
50
2
R
V0
0
0
0
1
5
0
3
J
A
1
0
0


Similar Part No. - VR25000001503JN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000001503JN400 VISHAY-VR25000001503JN400 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results

Similar Description - VR25000001503JN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37 VISHAY-VR37 Datasheet
112Kb / 6P
   High Ohmic/High Voltage Resistors
Revision: 24-Feb-04
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
logo
YAGEO Corporation
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
YAGEO Corporation
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com