Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX374MSAX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LCX374MSAX
Description  Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LCX374MSAX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74LCX374MSAX Datasheet HTML 1Page - National Semiconductor (TI) 74LCX374MSAX Datasheet HTML 2Page - National Semiconductor (TI) 74LCX374MSAX Datasheet HTML 3Page - National Semiconductor (TI) 74LCX374MSAX Datasheet HTML 4Page - National Semiconductor (TI) 74LCX374MSAX Datasheet HTML 5Page - National Semiconductor (TI) 74LCX374MSAX Datasheet HTML 6Page - National Semiconductor (TI) 74LCX374MSAX Datasheet HTML 7Page - National Semiconductor (TI) 74LCX374MSAX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
Symbol
Parameter
TA eb40 Cto a85 C
Units
VCC e 33V g03V
VCC e 27V
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
150
MHz
tPHL
Propagation Delay
15
85
15
95
ns
tPLH
CP to On
15
85
15
95
tPZL
Output Enable Time
15
85
15
95
ns
tPZH
15
85
15
95
tPLZ
Output Disable Time
15
75
15
85
ns
tPHZ
15
75
15
85
ts
Setup Time
25
25
ns
tH
Hold Time
15
15
ns
tW
Pulse Width
33
33
ns
tOSHL
Output to Output Skew (Note 1)
10
ns
tOSLH
10
Note 1
Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device The
specification applies to any outputs switching in the same direction either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH)
Dynamic Switching Characteristics
Symbol
Parameter
Conditions
VCC
(V)
TA e 25 C
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL e 50 pF VIH e 33V VIL e 0V
33
08
V
VOLV
Quiet Output Dynamic Valley VOL
CL e 50 pF VIH e 33V VIL e 0V
33
b
08
V
Capacitance
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC e Open VI e 0V or VCC
7pF
COUT
Output Capacitance
VCC e 33V VI e 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC e 33V VI e 0V or VCC F e 10 MHz
25
pF
http
www nationalcom
4


Similar Part No. - 74LCX374MSAX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX374MSAX FAIRCHILD-74LCX374MSAX Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX374MSAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com