Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6643U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1N6643U
Description  SIGNAL OR COMPUTER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1N6643U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N6643U Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6643U Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6643U Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6643U Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4081, REV. A
SIGNAL OR COMPUTER DIODE (DIE) 1C6638 THRU 1C6643 AND 1C4148
Types
VBR
VRWM Io
IFSM
Tp=1/120s
TSTG, TJ
VF1
VF2
IR1 @
VR=20V
IR1 @
VR= VRWM
trr
IRM=IF=10mA
CT1
VR=0V
1N6638, /578E
1N6642, /578E
1N6643, /578E
1N6639, /609C
1N6640, /609C
1N6641, /609C
1C4148, /116L
V(pk)
150
100
75
100
75
75
100
V(pk)
125
75
50
75
50
50
75
mA
300
300
300
300
300
300
200
A(pk)
2.5
2.5
2.5
2.5
2.5
2.5
2.0
oC
-65 to +175
-65 to +175
-65 to +175
-65 to +175
-65 to +175
-65 to +175
-65 to +200
V dc
0.80 (1)
0.80 (1)
0.80 (1)
1.20 (4)
1.00 (2)
1.10 (2)
0.80 (1)
V dc
1.1 (2)
1.2 (3)
1.2 (3)
-
-
-
1.2 (3)
nA dc
35
25
50
-
-
-
25
µA dc
0.5
0.5
0.5
0.1
0.1
0.1
0.5
ns
4.5
5.0
6.0
4.0
4.0
5.0
5.0
PF
2.5
5.0
5.0
2.5
2.5
3.0
-
(1) IF = 10 mA
(2) IF = 200 mA
(3) IF = 100 mA
(4) IF = 500 mA
0.020”
± 0.002”
D
ANODE
ANODE
0.007”
± 0.0005”
CATHODE
1N6638/U
1N6639/U
1N6640/U
1N6641/U
1N6642/U
1N6643/U
1C6638 thru 1C6643
and
1C4148 Layout


Similar Part No. - 1N6643U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6643U CDI-DIODE-1N6643U Datasheet
70Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N6643U MICROSEMI-1N6643U Datasheet
52Kb / 2P
   SWITCHING DIODES
logo
Compensated Deuices Inc...
1N6643US CDI-DIODE-1N6643US Datasheet
70Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N6643US MICROSEMI-1N6643US Datasheet
87Kb / 2P
   COMPUTER SWITCHING DIODE
1N6643US MICROSEMI-1N6643US Datasheet
90Kb / 2P
   COMPUTER SWITCHING DIODE
More results

Similar Description - 1N6643U

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6638 SENSITRON-1N6638 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6638 SENSITRON-SS6638 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
   COMPUTER DIODE
1N6638 MICROSEMI-1N6638 Datasheet
87Kb / 2P
   COMPUTER SWITCHING DIODE
1N4149 MICROSEMI-1N4149 Datasheet
32Kb / 1P
   COMPUTER DIODE Switching
1N4149-1 MICROSEMI-1N4149-1 Datasheet
194Kb / 3P
   Computer Switching Diode
Rev. 1
1N6638US MICROSEMI-1N6638US Datasheet
90Kb / 2P
   COMPUTER SWITCHING DIODE
1N643 MICROSEMI-1N643 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
logo
Axiomtek Co., Ltd.
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
   Desktop or wallmount industrial computer chassis
AX60552 AXIOMTEK-AX60552 Datasheet
348Kb / 1P
   Desktop or wallmount industrial computer chassis
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com