Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR25000001505KN400 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VR25000001505KN400
Description  High Ohmic/High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25000001505KN400 Datasheet(HTML) 5 Page - Vishay Siliconix

  VR25000001505KN400 Datasheet HTML 1Page - Vishay Siliconix VR25000001505KN400 Datasheet HTML 2Page - Vishay Siliconix VR25000001505KN400 Datasheet HTML 3Page - Vishay Siliconix VR25000001505KN400 Datasheet HTML 4Page - Vishay Siliconix VR25000001505KN400 Datasheet HTML 5Page - Vishay Siliconix VR25000001505KN400 Datasheet HTML 6Page - Vishay Siliconix VR25000001505KN400 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28732
172
Revision: 06-Dec-05
VR25
Vishay BCcomponents
High Ohmic/High Voltage Resistors
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
schedule
of
“IEC publication
60115-1”,
category
LCT/UCT/56 (rated temperature range: Lower Category
Temperature, Upper Category Temperature; damp heat,
long
term,
56 days).
The
testing
also
covers
the
requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication
60068-2, “Recommended basic climatic and mechanical
robustness testing procedure for electronic components” and
under
standard
atmospheric
conditions
according
to
“IEC 60068-1”, subclause 5.3.
In the Test Procedures and Requirements table the tests and
requirements are listed with reference to the relevant clauses
of
“IEC publications 60115-1 and 60068-2”;
a
short
description of the test procedure is also given. In some
instances deviations from the IEC recommendations were
necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.16
21 (U)
robustness of terminations:
4.16.2
21 (Ua1)
tensile all samples
∅ 0.6 mm; load 10 N; 10 s
number of failures
< 10 × 10-6
4.16.3
21 (Ub)
bending half number
of samples
∅ 0.6 mm; load 5 N; 4 × 90°
number of failures
< 10 × 10-6
4.16.4
21 (Uc)
torsion other half
of samples
3
× 360° in opposite directions
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω
4.17
20 (Ta)
solderability
2 s; 235
°C
good tinning; no damage
4.18
20 (Tb)
resistance to
soldering heat
thermal shock: 3 s; 350
°C;
3 mm from body
∆R/R max.: ± 0.5 % + 0.05 Ω
4.19
14 (Na)
rapid change of temperature
30 minutes at - 55
°C and
30 minutes at + 155
°C; 5 cycles
∆R/R max.: ± 0.5 % + 0.05 Ω
4.20
29 (Eb)
bump
3
× 1500 bumps in 3 directions; 40 g
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω
4.22
6 (Fc)
vibration
frequency 10 to 500 Hz; displacement
1.5 mm or acceleration 10 g; 3 directions;
total 6 hours (3
× 2 hours)
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω


Similar Part No. - VR25000001505KN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000001503FA100 VISHAY-VR25000001503FA100 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001503FA200 VISHAY-VR25000001503FA200 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001503FA500 VISHAY-VR25000001503FA500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001503FN400 VISHAY-VR25000001503FN400 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001503FR500 VISHAY-VR25000001503FR500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results

Similar Description - VR25000001505KN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37 VISHAY-VR37 Datasheet
112Kb / 6P
   High Ohmic/High Voltage Resistors
Revision: 24-Feb-04
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
logo
YAGEO Corporation
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
YAGEO Corporation
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com