Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV320 Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN29LV320
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV320 Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN29LV320 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV320 Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
7
EN29LV320
Rev. E, Issue Date: 2006/05/16
U
Table 2B. Bottom Boot Sector Address Tables (EN29LV320B)
Sector
A20 – A12
Sector Size
(Kbytes / Kwords)
Address Range (h)
Byte mode (x8)
Address Range (h)
Word Mode (x16)
SA0
000000000
8/4
000000–001FFF
000000–000FFF
SA1
000000001
8/4
002000–003FFF
001000–001FFF
SA2
000000010
8/4
004000–005FFF
002000–002FFF
SA3
000000011
8/4
006000–007FFF
003000–003FFF
SA4
000000100
8/4
008000–009FFF
004000–004FFF
SA5
000000101
8/4
00A000–00BFFF
005000–005FFF
SA6
000000110
8/4
00C000–00DFFF
006000–006FFF
SA7
000000111
8/4
00E000–00FFFF
007000–007FFF
SA8
000001xxx
64/32
010000–01FFFF
008000–00FFFF
SA9
000010xxx
64/32
020000–02FFFF
010000–017FFF
SA10
000011xxx
64/32
030000–03FFFF
018000–01FFFF
SA11
000100xxx
64/32
040000–04FFFF
020000–027FFF
SA12
000101xxx
64/32
050000–05FFFF
028000–02FFFF
SA13
000110xxx
64/32
060000–06FFFF
030000–037FFF
SA14
000111xxx
64/32
070000–07FFFF
038000–03FFFF
SA15
001000xxx
64/32
080000–08FFFF
040000–047FFF
SA16
001001xxx
64/32
090000–09FFFF
048000–04FFFF
SA17
001010xxx
64/32
0A0000–0AFFFF
050000–057FFF
SA18
001011xxx
64/32
0B0000–0BFFFF
058000–05FFFF
SA19
001100xxx
64/32
0C0000–0CFFFF
060000–067FFF
SA20
001101xxx
64/32
0D0000–0DFFFF
068000–06FFFF
SA21
001110xxx
64/32
0E0000–0EFFFF
070000–077FFF
SA22
001111xxx
64/32
0F0000–0FFFFF
078000–07FFFF
SA23
010000xxx
64/32
100000–10FFFF
080000–087FFF
SA24
010001xxx
64/32
110000–11FFFF
088000–08FFFF
SA25
010010xxx
64/32
120000–12FFFF
090000–097FFF
SA26
010011xxx
64/32
130000–13FFFF
098000–09FFFF
SA27
010100xxx
64/32
140000–14FFFF
0A0000–0A7FFF
SA28
010101xxx
64/32
150000–15FFFF
0A8000–0AFFFF
SA29
010110xxx
64/32
160000–16FFFF
0B0000–0B7FFF
SA30
010111xxx
64/32
170000–17FFFF
0B8000–0BFFFF
SA31
011000xxx
64/32
180000–18FFFF
0C0000–0C7FFF
SA32
011001xxx
64/32
190000–19FFFF
0C8000–0CFFFF
SA33
011010xxx
64/32
1A0000–1AFFFF
0D0000–0D7FFF
SA34
011011xxx
64/32
1B0000–1BFFFF
0D8000–0DFFFF
SA35
011100xxx
64/32
1C0000–1CFFFF
0E0000–0E7FFF
SA36
011101xxx
64/32
1D0000–1DFFFF
0E8000–0EFFFF
SA37
011110xxx
64/32
1E0000–1EFFFF
0F0000–0F7FFF
SA38
011111xxx
64/32
1F0000–1FFFFF
0F8000–0FFFFF


Similar Part No. - EN29LV320

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70B EON-EN29LV320AB-70B Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BI EON-EN29LV320AB-70BI Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BIP EON-EN29LV320AB-70BIP Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BP EON-EN29LV320AB-70BP Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV320

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com