Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EECF5R5U224 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EECF5R5U224
Description  Electric Double Layer Capacitors/NF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EECF5R5U224 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EECF5R5U224 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electric Double Layer Capacitors/NF
 EE197 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
NF
Series:
-25 to +70
°C
5.5 V .DC
0.1 to 1.5 F
Japan
0.10
0.22
0.47
1.0
1.5
0.08
to 0.18
0.176 to 0.396
0.376 to 1.410
0.80
to 1.80
1.20
to 2.70
< 75
< 75
< 30
< 30
< 30
EECF5R5U104
EECF5R5U224
EECF5R5U474
EECF5R5U105
EECF5R5U155
5.5
Case
code
A
B
Size
D
L
13.5 7.5
21.5 8.0
A
A
B
B
B
s Feature
s Recommended Applications
s Specifications
Category temp. range
Maximum Operating Voltage
Nominal Cap. Range
Characteristics at Low
Temperature
Endurance
Shelf Life
Moisture Resistance
After 1000 hours storage at +70
°C without load, the capacitor shall meet the specified limits
for Endurance.
After 500 hours storage at +55
°C, 90 to 95% R.H., the capacitor shall meet the specified
limits for “Endurance”.
Capasitance change
Internal resistance
After 1000 hours application of 5.5V. DC at +70
°C, the capacitor shall meet the following limits.
Capasitance change
Internal resistance
±30% of initial measured value
< 4 time of initial specified value
±30% of initial measured value at +20
°C (-25 to +70°C)
< 5 times of initial measured value at +20°C (at -25°C)
s Dimensions in mm (not to scale)
Maximum Oper-
ating Voltage
Capacitance
Capacitance
range
(F)
internal
resistance
(
Ω) at 1kHz
Part number
(V.DC)
(F)
(pcs)
Min. Packaging QTY.
s Standard products
Memory back-up for Video, Audio, Camera, Telephones, Printer,
Date terminal, Rice cooker and intelligent remote conroller
Case code
200
200
100
100
100
Stacked coin Type
Endurance : 70
°C 1000 h
Quantity per box
Quantity per outer
packaging
(pcs)
2000
2000
500
500
500
Sleeve
L max.
6±1
1.2±0.1
0.8±0.1
+
Ð
Country of Origin
Note:It is not allowed to go through reflow (IR,Atmosphere heating methods etc.) process.


Similar Part No. - EECF5R5U224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECF5R5U224 PANASONIC-EECF5R5U224 Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U224 PANASONIC-EECF5R5U224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U224 PANASONIC-EECF5R5U224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U224 PANASONIC-EECF5R5U224 Datasheet
45Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U224 PANASONIC-EECF5R5U224 Datasheet
45Kb / 1P
   Stacked Coin Type
More results

Similar Description - EECF5R5U224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEC-F5R5U334 PANASONIC-EEC-F5R5U334 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U104 PANASONIC-EECF5R5U104_08 Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EEC-F5R5U155 PANASONIC-EEC-F5R5U155 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U155C PANASONIC-EECF5R5U155C Datasheet
45Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com