Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3-2405E-5 Datasheet(PDF) 7 Page - Harris Corporation

Part # HV3-2405E-5
Description  World-Wide Single Chip Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HV3-2405E-5 Datasheet(HTML) 7 Page - Harris Corporation

Back Button HV3-2405E-5 Datasheet HTML 3Page - Harris Corporation HV3-2405E-5 Datasheet HTML 4Page - Harris Corporation HV3-2405E-5 Datasheet HTML 5Page - Harris Corporation HV3-2405E-5 Datasheet HTML 6Page - Harris Corporation HV3-2405E-5 Datasheet HTML 7Page - Harris Corporation HV3-2405E-5 Datasheet HTML 8Page - Harris Corporation HV3-2405E-5 Datasheet HTML 9Page - Harris Corporation HV3-2405E-5 Datasheet HTML 10Page - Harris Corporation HV3-2405E-5 Datasheet HTML 11Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
5-21
HV-2405E
For applications requiring 30mA or less and not directly off
line (i.e. filter network preceding supply), the external tran-
sistor and associated resistors in Figure 1 can be replaced
with a single 1/4W resistor R2 and capacitor C3 (Figure 7) if:
(1) The filter network reduces the input dv/dt to less than
10V/
µs (ensures sufficient pin 2 voltage at turn off), (2)
Source resistor R1 equals 150
(limits the maximum input
current) and (3) Inhibit Capacitor C3 equals 150pF (turns off
the HV-2405E during large voltage transients).
For applications where EMI (conductive interference) is a
design requirement, the circuit shown in Figure 8 is the rec-
ommended application circuit. This circuit delivers an output
voltage of 5V to 24V with an output current from 0 to 30mA
and passes VDE 0871 class “B” test requirements for con-
ductive interference with a resistive load.
FIGURE 8. IMBEDDED SUPPLY WITH EMI FILTER (IOUT ≤ 30mA)
Basic Operation
When power is initially applied the filter network reduces the
magnitude of any transient noise spikes that might result in
operation outside the SOA of the HV-2405E (see Start-up in
section titled “How the HV-2405E Works” for and explanation
of the SOA). When the voltage on pin 8 goes positive an
internal switch connects pin 8 to pin 2 and C2 starts to
charge through R1 and R2. When the voltage on pin 2
reaches a predetermined voltage the switch opens and the
charging of C2 stops. R1 limits the input current and along
with C1 provides a snubber for the internal switch. R2 also
has the effect of limiting the input current by increasing the
voltage on pin 2 sooner in the cycle. A linear regulator takes
current from C2 and provides a DC voltage at pin 6. The volt-
age at pin 6 is equal to Vz1+ 5V. The inhibit capacitor (C3)
provides protection from large input voltage transients by
turning off the HV-2405E and the output capacitor C4 pro-
vides stabilization of the output stage.
HV-2405E
C2
330
µF
C3
150pF
C4
10
µF
C0
0.33
µF
VOUT
+
-
R2
2.7
COMPONENT LIST
FUSE = 1/ 4A
R1 = 150
Ω, 3W
R2 = 2.7
Ω, 1/4W
C1 = 0.1
µF, AC RATED
C2 = 330
µF, 15V + V
OUT ,
C3 = 150pF, CERAMIC
C4 = 10
µF, V
OUT + 10V,
Z1 = VOUT -5V, 1/4W
C0 = 0.33
µF, AC RATED
L1 = 2.2mh,
µ = 2000
ELECTROLYTIC
ELECTROLYTIC
R1
150
C1
0.1
µF
L1
2.2mh
FUSE
AC RETURN
Z1
AC HIGH
FILTER
NETWORK
Operation
The operation of the imbedded supply is illustrated in Figure 9
and Figure 10. Figure 9 shows operation with a 30mA load
and Figure 10 with the output short circuited. Notice that In
both cases, the inhibit function of the HV-2405E prevents the
circuit from turning on when the input voltage was applied
near the peak line voltage. Also notice the initial current pulse
(Figure 9) is approximately 1.6A and decreased to 1A within
40ms. This decrease in the input current results when the
charging current required to maintain the voltage on C2
decreased. The effect of the series resistor (R2) is illustrated
by the small voltage spike on the Vpin 2 trace. This voltage
spike increases the voltage on pin 2 to the 10V trip point
sooner in the cycle, thereby limiting the input current.
FIGURE 9. START UP OPERATION
FIGURE 10. SHORT CIRCUIT OPERATION
VIN = 264Vrms
(500V/DIV) (PIN 8)
INPUT CURRENT
(1A/DIV)
IP = 1.6A
VPIN 2
(10V/DIV)
VOUT
(5V/DIV)
IOUT = 30mA, VOUT = 5V
TIME (20ms/DIV)
IMBEDDED SUPPLY
OUTPUT SHORT CIRCUITED
VIN = 264Vrms
(500V/DIV) (PIN 8)
INPUT CURRENT
(1A/DIV)
IP = 1.6A
VPIN 2
(10V/DIV)
VOUT
(5V/DIV)
TIME (20ms/DIV)
IMBEDDED SUPPLY
Application Information (Continued)


Similar Part No. - HV3-2405E-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV3-2405E-5 INTERSIL-HV3-2405E-5 Datasheet
699Kb / 16P
   World-WideSingle Chip Power Supply
More results

Similar Description - HV3-2405E-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV-2405E INTERSIL-HV-2405E Datasheet
699Kb / 16P
   World-WideSingle Chip Power Supply
logo
SHANGHAI BELLING CO., L...
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
logo
Semtech Corporation
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
logo
Intersil Corporation
HIP5063 INTERSIL-HIP5063 Datasheet
549Kb / 4P
   Power Control IC Single Chip Power Supply
logo
Sanyo Semicon Device
SPM3216 SANYO-SPM3216 Datasheet
17Kb / 3P
   Wide-Band Switch MMIC Operating with Single Power Supply
logo
Semtech Corporation
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
   Single-Phase Single Chip Graphics Core Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
   Single-Phase Single Chip Graphics Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com