Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV320B-70TI Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN29LV320B-70TI
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV320B-70TI Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN29LV320B-70TI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV320B-70TI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
2
EN29LV320
Rev. E, Issue Date: 2006/05/16
CONNECTION DIAGRAMS
A6
A5
A4
A1
A3
A2
FBGA
Top View, Balls Facing Down
A13
A9
A3
RY/BY#
WE#
A7
B6
B5
B4
B1
B3
B2
A12
A8
A4
WP# /ACC
RESET#
A17
C6
C5
C4
C1
C3
C2
A14
A10
A2
A18
NC
A6
D6
D5
D4
D1
D3
D2
A15
A11
A1
A20
A19
A5
E6
E5
E4
E1
E3
E2
A16
DQ7
A0
DQ2
DQ5
DQ0
F6
F5
F4
F3
F2
BYTE#
DQ14
CE#
DQ10
DQ12
DQ8
G6
G5
G4
G3
G2
DQ15/A-1
DQ13
OE#
DQ11
Vcc
DQ9
H6
H5
H3
H2
Vss
DQ6
Vss
DQ4
DQ1
F1
G1
H4
H1
DQ3


Similar Part No. - EN29LV320B-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320BB-70BIP EON-EN29LV320BB-70BIP Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320BB-70TIP EON-EN29LV320BB-70TIP Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320BT-70BIP EON-EN29LV320BT-70BIP Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320BT-70TIP EON-EN29LV320BT-70TIP Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV320B-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com