Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16803ATE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16803ATE
Description  High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16803ATE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16803ATE Datasheet HTML 4Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 5Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 6Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 7Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 8Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 9Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 10Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 11Page - Maxim Integrated Products MAX16803ATE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Two Brightness Levels for
TAIL/STOP Lights
Figure 4 shows PWM dimming operation for the
MAX16803 with an ICM7555 timer. The ICM7555 pro-
vides adjustable duty cycle using two external resistors
and a capacitor. In TAIL operation, the output of the
ICM7555 feeds into DIM and lights up the LEDs. The
LED’s brightness depends on the duty cycle of the
ICM7555. When VSTOP is present, DIM is pulled up to
VSTOP. The PWM dimming operation is disabled and
the LEDs light up to full brightness. See the ICM7555
data sheet for formulas to calculate the dimming fre-
quency and the duty cycle.
LED Current Thermal Foldback
With a minimum number of external components, the
MAX16803 provides LED current thermal foldback
using a negative temperature coefficient (NTC) thermis-
tor. Figure 5 shows a thermistor connected to V5 and
the CS+ of the MAX16803. As the temperature increas-
es, the voltage drop across R2 increases causing the
LED current to decrease.
ILED = [VSENSE - [R2 / (R2 + RT)] x V5] / R1
High-Voltage, 350mA, High-Brightness LED
Driver with PWM Dimming and 5V Regulator
8
_______________________________________________________________________________________
IN
EN
DIM
CS-
CS+
OUT
GND
GND
OUT
TRG
DIS
IN
R2
ICM7555
C1
D2
TAIL
STOP
V5
RSENSE
TH
MAX16803
C2
+5V REG
D1
D4
D3
R1
LEDs
R3
C3
Figure 4. PWM Dimming Operation with ICM7555 Timer
IN
EN
DIM
CS-
CS+
OUT
GND
R1
LEDs
C1
VIN
V5
R2
RT
PWM DIMMING
MAX16803
C2
Figure 5. LED Current Thermal Foldback with an NTC Thermistor


Similar Part No. - MAX16803ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803ATE++ MAXIM-MAX16803ATE+ Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16803ATE/V++ MAXIM-MAX16803ATE/V+ Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results

Similar Description - MAX16803ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
   350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com