Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3076TT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # S3076TT
Description  MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3076TT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button S3076TT Datasheet HTML 7Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 8Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 9Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 10Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 11Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 12Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 13Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 14Page - List of Unclassifed Manufacturers S3076TT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
S3076
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
October 23, 2000 / Revision A
Table 7. Performance Specifications
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Un
o
i
t
i
d
n
o
C
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O
O
C
V5
2
1
.
28
8
4
.
27
6
.
2z
H
G
o
t
d
e
k
c
o
l
O
C
V
h
t
i
w
r
e
t
t
i
J
t
u
p
t
u
O
a
t
a
D
N
/
P
I
T
A
D
R
E
S
8
4
-
C
O
4
2
-
C
O
2
1
-
C
O
3
-
C
O
8
3
0
0
.
0
2
0
0
.
0
2
0
0
.
0
5
0
0
.
0
5
0
0
.
0
5
0
0
.
0
)
s
m
r
(
I
U
)
s
m
r
(
I
U
)
s
m
r
(
I
U
r
e
t
t
ij
s
m
r
3
5
2
-
R
G
n
i
d
e
i
f
i
c
e
p
s
t
o
N
r
e
t
t
ij
s
m
r
r
e
t
t
ij
s
m
r
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
k
c
o
l
C
e
c
n
e
r
e
f
e
R0
0
1
-0
0
1
+m
p
p
)
8
4
-
C
O
(
e
m
i
T
k
c
o
L
n
o
i
t
i
s
i
u
q
c
A
K
L
C
F
E
R
z
H
M
4
4
.
9
1
K
L
C
F
E
R
z
H
M
2
5
.
5
5
1
0
0
8
1
0
5
2
c
e
s
µ
n
o
i
t
i
s
n
a
r
t
m
u
m
i
n
i
M
.
%
0
2
f
o
y
t
i
s
n
e
d
t
o
n
t
u
b
d
e
e
t
n
a
r
a
u
G
.
d
e
t
s
e
t
y
d
a
e
r
l
a
e
c
i
v
e
d
h
t
i
W
d
il
a
v
d
n
a
p
u
d
e
r
e
w
o
p
.
k
l
c
.
f
e
r
k
c
o
l
C
e
c
n
e
r
e
f
e
R
e
l
c
y
C
y
t
u
D
t
u
p
n
I
0
40
6I
U
f
o
%
s
e
m
i
T
ll
a
F
&
e
s
i
R
k
c
o
l
C
e
c
n
e
r
e
f
e
R5
.
1s
n
f
o
%
0
8
o
t
%
0
2
.
e
d
u
t
il
p
m
a
s
e
m
i
T
ll
a
F
&
e
s
i
R
t
u
p
t
u
O
L
M
C0
60
2
1s
p
0
5
,
%
0
8
o
t
%
0
2
,
d
a
o
l
.
p
a
c
F
p
1
L
L
P
e
h
t
h
c
i
h
w
t
a
e
c
n
e
r
e
f
f
i
d
y
c
n
e
u
q
e
r
F
e
h
t
o
t
d
e
r
a
p
m
o
c
K
L
C
F
E
R
(
k
c
o
l
f
o
t
u
o
s
e
o
g
)
k
c
o
l
c
O
C
V
n
w
o
d
d
e
d
i
v
i
d
0
5
40
0
60
7
7m
p
p
e
v
i
e
c
e
r
e
h
t
h
c
i
h
w
t
a
e
c
n
e
r
e
f
f
i
d
y
c
n
e
u
q
e
r
F
o
t
d
e
r
a
p
m
o
c
K
L
C
F
E
R
(
k
c
o
l
o
t
n
i
s
e
o
g
L
L
P
)
k
c
o
l
c
O
C
V
n
w
o
d
d
e
d
i
v
i
d
e
h
t
0
2
20
0
30
9
3m
p
p
t
U
S
)
s
p
b
M
5
2
1
2
(
l
e
n
n
a
h
C
e
r
b
i
F
/
8
4
-
C
O
)
s
p
b
M
5
.
2
6
0
1
(
l
e
n
n
a
h
C
e
r
b
i
F
/
4
2
-
C
O
2
1
-
C
O
3
-
C
O
0
0
1
0
5
2
0
0
5
0
0
5
2
s
p.
8
e
r
u
g
i
F
e
e
S
t
H
)
s
p
b
M
5
2
1
2
(
l
e
n
n
a
h
C
e
r
b
i
F
/
8
4
-
C
O
)
s
p
b
M
5
.
2
6
0
1
(
l
e
n
n
a
h
C
e
r
b
i
F
/
4
2
-
C
O
2
1
-
C
O
3
-
C
O
0
0
1
0
5
2
0
0
5
0
0
5
2
s
p.
8
e
r
u
g
i
F
e
e
S


Similar Part No. - S3076TT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S30760 MICROSEMI-S30760 Datasheet
115Kb / 2P
   Silicon Power Rectifier
logo
Belden Inc.
S3076NH BELDEN-S3076NH Datasheet
101Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results

Similar Description - S3076TT

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Vitesse Semiconductor C...
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
   2.5G Multi-rate SONET/SDH Transceiver Family
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Integrated Circuit Syst...
M844 ICST-M844 Datasheet
141Kb / 1P
   MULTI-RATE CLOCK RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com