Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV320T-70BCP Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN29LV320T-70BCP
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV320T-70BCP Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN29LV320T-70BCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV320T-70BCP Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN29LV320
Rev. E, Issue Date: 2006/05/16
SA39
100000xxx
64/32
200000–20FFFF
100000–107FFF
SA40
100001xxx
64/32
210000–21FFFF
108000–10FFFF
SA41
100010xxx
64/32
220000–22FFFF
110000–117FFF
SA42
100011xxx
64/32
230000–23FFFF
118000–11FFFF
SA43
100100xxx
64/32
240000–24FFFF
120000–127FFF
SA44
100101xxx
64/32
250000–25FFFF
128000–12FFFF
SA45
100110xxx
64/32
260000–26FFFF
130000–137FFF
SA46
100111xxx
64/32
270000–27FFFF
138000–13FFFF
SA47
101000xxx
64/32
280000–28FFFF
140000–147FFF
SA48
101001xxx
64/32
290000–29FFFF
148000–14FFFF
SA49
101010xxx
64/32
2A0000–2AFFFF
150000–157FFF
SA50
101011xxx
64/32
2B0000–2BFFFF
158000–15FFFF
SA51
101100xxx
64/32
2C0000–2CFFFF
160000–167FFF
SA52
101101xxx
64/32
2D0000–2DFFFF
168000–16FFFF
SA53
101110xxx
64/32
2E0000–2EFFFF
170000–177FFF
SA54
101111xxx
64/32
2F0000–2FFFFF
178000–17FFFF
SA55
110000xxx
64/32
300000–30FFFF
180000–187FFF
SA56
110001xxx
64/32
310000–31FFFF
188000–18FFFF
SA57
110010xxx
64/32
320000–32FFFF
190000–197FFF
SA58
110011xxx
64/32
330000–33FFFF
198000–19FFFF
SA59
110100xxx
64/32
340000–34FFFF
1A0000–1A7FFF
SA60
110101xxx
64/32
350000–35FFFF
1A8000–1AFFFF
SA61
110110xxx
64/32
360000–36FFFF
1B0000–1B7FFF
SA62
110111xxx
64/32
370000–37FFFF
1B8000–1BFFFF
SA63
111000xxx
64/32
380000–38FFFF
1C0000–1C7FFF
SA64
111001xxx
64/32
390000–39FFFF
1C8000–1CFFFF
SA65
111010xxx
64/32
3A0000–3AFFFF
1D0000–1D7FFF
SA66
111011xxx
64/32
3B0000–3BFFFF
1D8000–1DFFFF
SA67
111100xxx
64/32
3C0000–3CFFFF
1E0000–1E7FFF
SA68
111101xxx
64/32
3D0000–3DFFFF
1E8000–1EFFFF
SA69
111110xxx
64/32
3E0000–3EFFFF
1F0000–1F7FFF
SA70
111111xxx
64/32
3F0000–3FFFFF
1F8000–1FFFFF
Note: The address bus is A20:A-1 in byte mode where BYTE# = V
B
ILB or A20:A0 in word mode where
BYTE# = V
B
IHB


Similar Part No. - EN29LV320T-70BCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70B EON-EN29LV320AB-70B Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BI EON-EN29LV320AB-70BI Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BIP EON-EN29LV320AB-70BIP Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BP EON-EN29LV320AB-70BP Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV320T-70BCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com