Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPO2506O-474L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPO2506O-474L
Description  LPO2506 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPO2506O-474L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPO2506O-474L Datasheet HTML 1Page - List of Unclassifed Manufacturers LPO2506O-474L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
SMT Power Inductors - LPO2506 Series
Document 208-2
Revised 05/19/06
Document 208-2
Typical L vs Frequency
Typical L vs Current
On-board Style
In-board Style
Terminations:
Silver-palladium-platinum-glass frit
Weight:
0.24 – 0.26 g
Tape and reel:
1000/13
″ reel 16 mm tape width
For packaging data see Tape and Reel Specifications section.
0.360
9,14
0.360
9,14
0.285
7,24
0.285
7,24
0.284
7,24
0.284
7,24
0.048
1,21
0.048
1,21
0.380
9,65
0.380
9,65
0.310
7,87
0.205
5,21
0.190
4,83
0.030
0,76
0.310
7,87
0.230
5,84
0.230
5,84
0.284
7,21
max
max
max
max
max
max
max
max
Dash
number
0.205
5,21
0.190
4,83
0.030
0,76
hole through
board
Land Pattern
Land Pattern
0.254
6,45
0.061
1,55
max
max
0.047
1,19
max
Mounting plane:
through board
0.254
6,45
0.065
1,65
max
max


Similar Part No. - LPO2506O-474L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO2506I-103L COILCRAFT-LPO2506I-103L Datasheet
471Kb / 2P
   SMT Power Inductors
LPO2506I-104L COILCRAFT-LPO2506I-104L Datasheet
471Kb / 2P
   SMT Power Inductors
LPO2506I-105L COILCRAFT-LPO2506I-105L Datasheet
471Kb / 2P
   SMT Power Inductors
LPO2506I-153L COILCRAFT-LPO2506I-153L Datasheet
471Kb / 2P
   SMT Power Inductors
LPO2506I-154L COILCRAFT-LPO2506I-154L Datasheet
471Kb / 2P
   SMT Power Inductors
More results

Similar Description - LPO2506O-474L

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com