Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4117US1012VDC1.0 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 4117US1012VDC1.0
Description  4117
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

4117US1012VDC1.0 Datasheet(HTML) 2 Page - DB Lectro Inc

  4117US1012VDC1.0 Datasheet HTML 1Page - DB Lectro Inc 4117US1012VDC1.0 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 1500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.27mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
9g(Open type)
12g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
4117
Dimensions
Wiring diagram
(Bottom views)
Mounting (Bottomz
views)
mm
>àçÇá
0.3
0.012
0.4
0.016
0.5
0.020
0.6
0.024
0.8
0.031
1.0
0.039
1.3
0.051
2.1
0.083
3.3
0.130
3.4
0.134
3.81
0.150
4.6
0.181
5.08
0.200
8.89
0.350
10.16
0.400
13.2
0.520
14
0.511
16.4
0.646
18
0.709
20
0.787
www.dblectro.com


Similar Part No. - 4117US1012VDC1.0

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117US1012VDC1.0 DBLECTRO-4117US1012VDC1.0 Datasheet
941Kb / 3P
   Superminiature, heavy power
More results

Similar Description - 4117US1012VDC1.0

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117-2 DBLECTRO-4117-2 Datasheet
332Kb / 2P
   4117-2
4417-2 DBLECTRO-4417-2 Datasheet
753Kb / 3P
   Twin structure of 4117 type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com