Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XN1601 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # XN1601
Description  Silicon PNP(NPN) epitaxial planer transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN1601 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  XN1601 Datasheet HTML 1Page - Panasonic Semiconductor XN1601 Datasheet HTML 2Page - Panasonic Semiconductor XN1601 Datasheet HTML 3Page - Panasonic Semiconductor XN1601 Datasheet HTML 4Page - Panasonic Semiconductor XN1601 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Composite Transistors
XN1601
Common characteristics chart
PT — Ta
Characteristics charts of Tr1
IC — VCE
IC — IB
IB — VBE
IC — VBE
VCE(sat) — IC
hFE — IC
0
100
200
300
400
500
0
40
80
120
160
Ambient temperature Ta (˚C)
0
0
–18
– 2 – 4 – 6 – 8 –10 –12 –14 –16
–60
–50
–40
–30
–20
–10
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= – 300
µA
– 250
µA
– 200
µA
–150
µA
–100
µA
–50
µA
0
0
–100
– 200
– 300
– 400
–60
–50
–40
–30
–20
–10
Base current IB (
µA)
VCE=–5V
Ta=25˚C
0
0
– 0.4
– 0.8
–1.2
–1.6
– 400
– 350
– 300
– 250
– 200
– 150
–100
–50
Base to emitter voltage VBE (V)
VCE=–5V
Ta=25˚C
0
0
– 2.0
–1.6
–1.2
– 0.8
– 0.4
– 240
– 200
–160
–120
–80
–40
Base to emitter voltage VBE (V)
VCE=–5V
Ta=75˚C
– 25˚C
25˚C
–0.001
–0.003
–1
– 3
–0.01
–0.03
–0.1
–0.3
–1
–3
–10
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
600
500
400
300
200
100
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE= – 10V
Ta=75˚C
25˚C
– 25˚C


Similar Part No. - XN1601

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1601 PANASONIC-XN1601 Datasheet
118Kb / 6P
   Silicon PNP epitaxial planer transistor (Tr1) Silicon NPN epitaxial planer transistor (Tr2)
More results

Similar Description - XN1601

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN4314 PANASONIC-XN4314 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP0431N PANASONIC-XP0431N Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4401 PANASONIC-XP4401 Datasheet
42Kb / 3P
   Silicon NPN(PNP) epitaxial planer transistor
XP1C301 PANASONIC-XP1C301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN04A88 PANASONIC-XN04A88 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XN4381 PANASONIC-XN4381 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4312 PANASONIC-XP4312 Datasheet
110Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
XP4654 PANASONIC-XP4654 Datasheet
60Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP1B301 PANASONIC-XP1B301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XP4314 PANASONIC-XP4314 Datasheet
109Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com