Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66244FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M66244FP
Description  High Speed Monolithic Pulse Width Modulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66244FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M66244FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66244FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High Speed Monolithic Pulse Width Modulator
MITSUBISHI <DIGITAL ASSP>
M66244FP
Liner region
(4/15)
PWM OUTPUT EXAMPLE
CLK
D<0:5>
SEMDEM
LEM/TEM
PWMOUT
100%
50%
25%
75%
0%
2F
3F
1F
0F
00
3F
Right hand justify
Left hand justify
Center hand justify
N
N+1
N+2
N+3
N+4
N
N+1
N+2
N+3
Code (Dec)
100
0
0
PWM Pulse linearity (image figure)
63
Change of linearity
Code (Dec)
100
0
0
Minimum
"H" Pulse
Width
63
Change of linearity
(1) In case of next pulse is "H"
(2) In case of next pulse is "L"
Minimum
"L" Pulse
Width
Minimum
"H" Pulse
Width
Liner region
CLK
PWMOUT
Next Pulse
"H"
"L"
Minimum
"H" Pulse
Width
Minimum
"L" Pulse
Width
Next Pulse
"L"
Minimum
"H" Pulse
Width
"L"
C 1998 MITSUBISHI ELECTRIC CORPORATION
June 1998
Ver.8.0.0


Similar Part No. - M66244FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66240 MITSUBISHI-M66240 Datasheet
489Kb / 16P
   4-CH 16-BIT PWM GENERATOR
M66240FP MITSUBISHI-M66240FP Datasheet
489Kb / 16P
   4-CH 16-BIT PWM GENERATOR
logo
Renesas Technology Corp
M66240FP RENESAS-M66240FP Datasheet
3Mb / 17P
   4-CH 16-BIT PWM GENERATOR
logo
Mitsubishi Electric Sem...
M66240P MITSUBISHI-M66240P Datasheet
489Kb / 16P
   4-CH 16-BIT PWM GENERATOR
logo
Renesas Technology Corp
M66240P RENESAS-M66240P Datasheet
3Mb / 17P
   4-CH 16-BIT PWM GENERATOR
More results

Similar Description - M66244FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
AD9560 AD-AD9560 Datasheet
424Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_05 Datasheet
353Kb / 26P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
logo
Texas Instruments
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com