Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2504A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK2504A
Description  DS3/STS-1/E3 Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2504A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK2504A Datasheet HTML 1Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 2Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 3Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 4Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 5Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 6Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 7Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 8Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ASAHI KASEI
[AK2504A]
MS0143-E-01
- 4 -
2004/01
PIN CONDITION
No.
Pin Name
I/O
Pin Type
Maximum
AC load
Minimum
DC load
Status on
Reset
Remarks
3
NRZ
I
CMOS
4
VDDP
-
5
VSSP
-
6
TCKPOL
I
CMOS
7
EXCLK
I
CMOS
8
RLOOP
I
CMOS
9
TEST2
I
CMOS
10
LLOOP
I
CMOS
11
VSSS
-
12
VDDD
-
13
VSSD
-
14
RLOL
O
CMOS
15pF
“H”
19
TEST5
I
CMOS
20
RCLK
O
CMOS
15pF
“H”
21
RPDATA
O
CMOS
15pF
“L”
22
RNDATA
/LCV
O
CMOS
15pF
“L”
23
TCLK
I
CMOS
24
TPDATA
I
CMOS
25
TNDATA
I
CMOS
26
TEST4
O
CMOS
27
TEST3
I
CMOS
28
TCAP2
O
Analog
Note 1
29
VSST
-
30
TCAP1
O
Analog
Note 1
Note:
*) NC pin number : No. 1, 2, 15, 16, 17, 18, 31, 32
NC: No Connection. Leave these pins open.
1)External capacitor (0.1 uF) is connected to VSS.


Similar Part No. - AK2504A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK2504A ETC-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/ES Transceiver
More results

Similar Description - AK2504A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
   E3/DS3/STS-1 Transceiver
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
   Triple E3/DS3/STS-1 Transceiver
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1345S PCA-EPR1345S Datasheet
76Kb / 1P
   DS3/E3/STS-1 Isolation Transformer
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3582 PCA-EPA3582 Datasheet
16Kb / 1P
   T3/DS3/E3/STS-1 Transformer
logo
Bothhand USA, LP.
S5969 BOTHHAND-S5969 Datasheet
246Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com