Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2504A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK2504A
Description  DS3/STS-1/E3 Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2504A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK2504A Datasheet HTML 1Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 2Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 3Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 4Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 5Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 6Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 7Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 8Page - Asahi Kasei Microsystems AK2504A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ASAHI KASEI
[AK2504A]
MS0143-E-01
- 1 -
2004/01
AK2504A
DS3/STS-1/E3 Transceiver
GENERAL DESCRIPTION
The AK2504A is a DSP based line transceiver. It
provides the analog transmit/receive line interface
functions for DS3(44.736MHz) /STS-1(51.84MHz)
or E3(34.368MHz) interface.
Transmitter includes on-chip pulse shaper, B3ZS/
HDB3 Encoder. Pulse level adjustment function is
very useful to put a pulse into pulse mask for any
customer’s system.
Receiver includes root-f equalizer, automatic-gain
control, clock and data recovery, B3ZS/HDB3
Decoder, Loss-Of-Signal and Loss-Of-Lock alarm
function.
Local and Remote Loop-back function is included
for system level trouble shooting.
The device operates at a single +3.3 Volt supply
and is transparent to the framing format.
PACKAGE
-
64 pin LQFP
FEATURE
-
“Robust” DSP based line transceiver
-
Provides Complete Analog Line Transmitter
and Receiver function for DS3, STS-1 and E3
Applications
-
Transmit Pulse Level Adjustment
-
Provides Line Equalization, and Clock and
Data Recovery Functions
-
Compliance with Bellcore GR-499-CORE and
GR-253-CORE, ANSI T1.102, T1.404,
-
Compliance with ITU-T G.703 and G.823
-
Local/Remote Loopback functions
-
B3ZS/HDB3 Encoder/Decoder
-
Low voltage supply : +3.3V
APPLICATIONS
-
Interfacing network transmission equipment
such as SONET multiplexor and M13 to a
DSX-3 cross connect.
-
Interfacing
E3
network
transmission
equipment.
-
Interfacing customer premises equipment to a
line.


Similar Part No. - AK2504A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK2504A ETC-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/ES Transceiver
More results

Similar Description - AK2504A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
   E3/DS3/STS-1 Transceiver
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
   Triple E3/DS3/STS-1 Transceiver
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1345S PCA-EPR1345S Datasheet
76Kb / 1P
   DS3/E3/STS-1 Isolation Transformer
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3582 PCA-EPA3582 Datasheet
16Kb / 1P
   T3/DS3/E3/STS-1 Transformer
logo
Bothhand USA, LP.
S5969 BOTHHAND-S5969 Datasheet
246Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com