Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRH1C12T Datasheet(PDF) 2 Page - Picker Components

Part # PTRH1C12T
Description  30 AMP Power PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRH1C12T Datasheet(HTML) 2 Page - Picker Components

  PTRH1C12T Datasheet HTML 1Page - Picker Components PTRH1C12T Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PTRH
PTRH
COIL DATA
Coil Voltage
5
6
9
12
24
48
110
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
27
40
97
155
660
2560
10330
3.75
4.50
6.75
9.00
18.00
36.00
82.50
0.5
0.6
0.9
1.2
2.4
4.8
11.0
5.5
6.6
9.9
13.2
26.4
52.8
121.0
_
Pin Layout
Bottom View
Overall Dimensions
Inches (millimeters)
(7.62)
.500
(12.7)
.700
(17.8)
.210 Ref.
(5.3)
.400
(15.2)
.600
.150
(3.8)
.550
(14)
(8.9)
(10.2) .300
.700
(17.8)
.350
(19.6)
.770
1.05
(26.7)
1.25
(31.8)
Note 1.
Notes:
1. This pin omitted for UL 873 version.
2. Breakable nib may be removed after flux removal.
Note 2.
Schematic
Note 1.
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
5
4
1
3
2
6
max
max
max
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Holes for Coil term. .043
Holes for load term. .081 + .005 Dia. (2.06 + .13)
+ .003 Dia. (1.09 + .08)
ORDERING INFORMATION
Example:
PTRH
Model
-12
Coil Voltage
-1C
Contact Form
1A, 1B, or 1C
S
Configuration
Nil: Open Frame; S: Sealed plastic case; C: Dust Cover
Contact Material
Nil: AgCdO; T: AgSnOInO; G: AgCdO+Au
F
T
Spacing
Nil: UL 508;
-1: UL 873 (Pin # 6 omitted)
-1
Insulation Material
Nil: UL Class B; F: UL Class F
-X
Nil: Standard; -X ROHS Compliant


Similar Part No. - PTRH1C12T

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH1C-12CFT2 PICKER-PTRH1C-12CFT2 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1C-12CFT3 PICKER-PTRH1C-12CFT3 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1C-12CFT4 PICKER-PTRH1C-12CFT4 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1C-12CGFT2 PICKER-PTRH1C-12CGFT2 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH1C-12CGFT3 PICKER-PTRH1C-12CGFT3 Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
More results

Similar Description - PTRH1C12T

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH PICKER-PTRH_17 Datasheet
3Mb / 3P
   30 Amp Power PCB Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
   30 AMP Power PCB Relay
PTRH-T PICKER-PTRH-T_17 Datasheet
1Mb / 4P
   30 Amp Power PCB Relay
PTRH PICKER-PTRH_15 Datasheet
320Kb / 2P
   30 Amp Power PCB Relay
PTRH-T PICKER-PTRH-T_15 Datasheet
272Kb / 2P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_16 Datasheet
1Mb / 3P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT Datasheet
2Mb / 2P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_17 Datasheet
4Mb / 4P
   30 Amp Power PCB Relay
PC537 PICKER-PC537_15 Datasheet
516Kb / 2P
   Ultraminiature 30 Amp Automotive PCB Power Relay
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com