Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR3506S Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # BAR3506S
Description  35 AMP BUTTON DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BAR3506S Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  BAR3506S Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
MECHANICAL SPECIFICATION
MECHANICAL DATA
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Data Sheet No. BUDI-3500S-1A
35 AMP BUTTON DIODES
K7
DIOTEC ELECTRONICS CORP
Die Size:
0.165" x 0.165"
Square
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
RoHS
CO
MPLIANT


Similar Part No. - BAR3506S

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR3506 DEC-BAR3506 Datasheet
246Kb / 1P
   35 AMP BUTTON DIODES
BAR3506D DEC-BAR3506D Datasheet
246Kb / 1P
   35 AMP SOZA DIODE CELLS
More results

Similar Description - BAR3506S

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR3500 DEC-BAR3500 Datasheet
246Kb / 1P
   35 AMP BUTTON DIODES
BUDI-3500-1B DEC-BUDI-3500-1B Datasheet
68Kb / 1P
   35 AMP BUTTON DIODES
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
   35 AMP BUTTON DIODES
SRPD-3500S-1A DEC-SRPD-3500S-1A Datasheet
53Kb / 1P
   35 AMP SOFT RECOVERY FAST SWITCHING BUTTON DIODES
DR820 DEC-DR820 Datasheet
85Kb / 1P
   35 AMP LEAD MOUNT FAST RECOVERY BUTTON DIODES
logo
Diodes Incorporated
SRPL-3500S-1A DIODES-SRPL-3500S-1A Datasheet
85Kb / 1P
   35 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
logo
DIOTEC Electronics Corp...
SRPL-3500S-1A DEC-SRPL-3500S-1A Datasheet
85Kb / 1P
   35 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
logo
Shanghai Shunye Electro...
BD351N SHUNYE-BD351N Datasheet
231Kb / 2P
   35 AMP BLOCK DIODES
BD352N SHUNYE-BD352N Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
logo
DIOTEC Electronics Corp...
BAR5000 DEC-BAR5000 Datasheet
243Kb / 1P
   50 AMP BUTTON DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com