Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1002 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB1002
Description  10 AMP SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB1002 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB1002 Datasheet HTML 1Page - DIOTEC Electronics Corporation DB1002 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRDB-1000-1C
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
ACTUAL SIZE
E33
10 AMP SILICON BRIDGE RECTIFIERS
BH
LL
LD
D1
D1
BL
BL
+
_
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method). TJ = 150 C
Junction Operating and Storage Temperature Range
T , T
I
°C
Continuous Power Dissipation in V
Region
@ T
=80 C (Heat Sink Temp)
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
AMPS
UNITS
VOLTS
P
P
RMS Reverse Voltage
Power Dissipation in V
Region for 100 S Square Wave
WATTS
Thermal Energy (Rating for Fusing)
I t
AMPS
SEC
I
@ T = 50 C (Notes 1, 3)
@ T = 50 C (Note 2)
Typical Thermal Resistance
R
R
V
Maximum Forward Voltage (Per Diode) at 5 Amps DC
VOLTS
VOLTS
Minimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 100 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
Junction to Ambient (Note 2)
Junction to Case (Note 1)
A
C/W
RATINGS
INCHES
MILLIMETERS
MIN
6.4
12.2
18.5
SYM
BL
BH
D1
MAX
MAX
7.6
13.2
19.6
MIN
0.73
0.25
0.48
0.77
0.3
0.52
LL
LD
1.2
1.3
0.048
0.052
0.875
22.2
n/a
n/a
+
_
SERIES DB1000-DB1010 and ADB1004-ADB1008
DT
DB1004
UL RECOGNIZED - FILE #E124962
ABDB-1000-1C
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 400 AMPS PEAK
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
Case:
Terminals: Round silver plated copper pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case; positive lead at beveled corner
Mounting Position: Any. Through hole provided for #6 screw
Weight: 0.18 Ounces (5.4 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
MECHANICAL DATA
RoHS COMPLIANT


Similar Part No. - DB1002

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB100 SURGE-DB100 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
More results

Similar Description - DB1002

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BRDB-1000-1C DEC-BRDB-1000-1C Datasheet
406Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
10DB DEC-10DB Datasheet
406Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
   AMP Silicon Bridge Rectifiers
logo
TAITRON Components Inco...
T10A05L TAITRON-T10A05L Datasheet
155Kb / 4P
   10 Amp Silicon Rectifiers
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
SB400L DEC-SB400L Datasheet
392Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
   2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
DB3500 DEC-DB3500 Datasheet
605Kb / 2P
   35 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com