Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q4845 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # Q62703-Q4845
Description  HYPER TOPLED, HYPER BRIGHT LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62703-Q4845 Datasheet(HTML) 3 Page - OSRAM GmbH

  Q62703-Q4845 Datasheet HTML 1Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 2Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 3Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 4Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 5Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 6Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 7Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 8Page - OSRAM GmbH Q62703-Q4845 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LB T673, LV T673, LT T673
2001-06-263
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LB
LV, LT
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Sperrschichttemperatur
Junction temperature
Tj
+ 110
+ 125
°C
Durchlassstrom
Forward current
I
F
20
mA
Sto
ßstrom
Surge current
t
10 s,
D = 0.005
IFM
200
250
mA
Sperrspannung
Reverse voltage
V
R
5V
Leistungsaufnahme
Power consumption
T
A
25
°C
P
tot
85
mW
W
ärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
Junction/ambient
Sperrschicht/L
ötpad
Junction/solder point
Montage auf PC-Board FR 4 (Padgr
öße 16 mm 2)
mounted on PC board FR 4 (pad size
16 mm
2)
R
th JA
R
th JS
400
180
K/W
K/W


Similar Part No. - Q62703-Q4845

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62703-Q4843 OSRAM-Q62703-Q4843 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results

Similar Description - Q62703-Q4845

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
   BLUE LINE Hyper TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
   Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com