Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP204 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # RGP204
Description  2 AMP FAST RECOVERY SILICON DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RGP204 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  RGP204 Datasheet HTML 1Page - DIOTEC Electronics Corporation RGP204 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES RGP200 - RGP210
Data Sheet No. FSPD-200-2B
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
FIGURE 1. FORWARD CURRENT DERATING CURVE
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
2 AMP FAST RECOVERY SILICON DIODES
H30
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1.0
FIGURE 4. TYPICAL JUNCTION CAPACITANCE
T = 25 C
f = 1 MHz
V
= 50 mV P-P
J
SIG
o
FIGURE 5. REVERSE RECOVERY TEST SETUP AND TIME CHARACTERISTIC
W
W
W


Similar Part No. - RGP204

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Rugao Dachang Electroni...
RGP20A DACHANG-RGP20A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
General Semiconductor
RGP20A GE-RGP20A Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
RGP20A LUGUANG-RGP20A Datasheet
176Kb / 2P
   Fast Recovery Rectifiers
logo
Micro Commercial Compon...
RGP20A MCC-RGP20A Datasheet
83Kb / 3P
   2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results

Similar Description - RGP204

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FSPD-200-1B DEC-FSPD-200-1B Datasheet
410Kb / 2P
   2 AMP FAST RECOVERY SILICON DIODES
logo
Edal Industries, Inc.
MR4A5 EDAL-MR4A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 3.0 AMP DIODES
MR7A5 EDAL-MR7A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 6.0 AMP DIODES
logo
DIOTEC Electronics Corp...
RP100 DEC-RP100 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
RP600 DEC-RP600 Datasheet
422Kb / 2P
   6 AMP FAST RECOVERY SILICON DIODES
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
FSDP-601-1C DEC-FSDP-601-1C Datasheet
425Kb / 2P
   6 AMP FAST RECOVERY SILICON DIODES
logo
Edal Industries, Inc.
BR5A5 EDAL-BR5A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 1.0 AMP DIODES
logo
DIOTEC Electronics Corp...
FSDP-301-1B DEC-FSDP-301-1B Datasheet
407Kb / 2P
   3 AMP FAST RECOVERY SILICON DIODES
FSDP-101-1B DEC-FSDP-101-1B Datasheet
386Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com