Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRH1B-12CGFT3 Datasheet(PDF) 2 Page - Picker Components

Part # PTRH1B-12CGFT3
Description  30 AMP Panel Mount or PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRH1B-12CGFT3 Datasheet(HTML) 2 Page - Picker Components

  PTRH1B-12CGFT3 Datasheet HTML 1Page - Picker Components PTRH1B-12CGFT3 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PTRH-T
PTRH-T
ORDERING INFORMATION
Example:
PTRH
Model
-12
Coil Voltage
-1C
Contact Form
1A, 1B, or 1C
S
Configueration
Nil: Open Frame; C: Dust Cover
S: Sealed plastic case
COIL DATA
Coil Voltage
5
6
9
12
24
48
110
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
27
40
97
155
660
2560
10330
3.75
4.50
6.75
9.00
18.00
36.00
82.50
0.5
0.6
0.9
1.2
2.4
4.8
11.0
5.5
6.6
9.9
13.2
26.4
52.8
121.0
_
Contact Material
Nil: AgCdO; T: AgSnO; G: AgCdO+Au
G
Insulation Material
Nil: UL Class B; F: UL Class F
F
Mounting Type
T2: Form 1A PCB & QC, T3: Form 1C PCB & QC, T4: 1A Panel all QC, T5: 1C Panel all QC
-T5
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
.250 Ref.
(6.35)
.440
(11.2) .300
(7.6)
.600
(15.2) .500
.150
(3.81)
.550
(13.97)
.700
(17.78)
(12.7)
NO
NC
Pin Layout
Bottom View
(32.2)
1.27
1.10
(28.0)
(27.5)
1.08
Overall Dimensions
Inches (millimeters)
Including Schematic
max
max
max
COM
1.71
(43.5)
Notes:
Breakable nib may be removed after flux removal.
PC mount has .250 male QC terminals for load.
Panel mount has .250 male QC terminals for the load
and .187 male QC terminals for the coil.
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Holes for Coil term. .043
Holes for load term. .081 + .005 Dia. (2.06 + .13)
+ .003 Dia. (1.09 + .08)


Similar Part No. - PTRH1B-12CGFT3

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH1B12 PICKER-PTRH1B12 Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1B12-1 PICKER-PTRH1B12-1 Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1B12-X PICKER-PTRH1B12-X Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1B12C PICKER-PTRH1B12C Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1B12C-1 PICKER-PTRH1B12C-1 Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
More results

Similar Description - PTRH1B-12CGFT3

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRA-T PICKER-PTRA-T Datasheet
90Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With AC Coils
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
   40 AMP Panel Mount or PCB Power Relay
logo
List of Unclassifed Man...
T9AS1D12-12 ETC-T9AS1D12-12 Datasheet
100Kb / 3P
   Low Cost 30 Amp PC Board or Panel Mount Relay
logo
Picker Components
PTRH PICKER-PTRH_17 Datasheet
3Mb / 3P
   30 Amp Power PCB Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
   30 AMP Power PCB Relay
PTRH-T PICKER-PTRH-T_17 Datasheet
1Mb / 4P
   30 Amp Power PCB Relay
PTRH PICKER-PTRH Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH PICKER-PTRH_15 Datasheet
320Kb / 2P
   30 Amp Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com