Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1071C6VDC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WJ1071C6VDC
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WJ1071C6VDC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WJ1071C6VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers WJ1071C6VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISSU:2000.7.12
WJ 107
WJ107-RELAYS
Ultra-miniature size with universal footprint
High contact capacity: 12A
Sealed type available
Low coil power consumption
UL/C-UL recognized
TUV recognized
SPECIFICATIONS
Contact
Characterstics
Arrangement
Operate Time
Contact Material
Release Time
Contact Resistance
Operating humidity
(By voltage 6V 1A)
Initial breakdown voltage
Rating
Between coil & contact
Nominal switching capacity
Between open contacts
Resistive load
Insulation Resistance
(cos
•=1)
Ambient temperature
Temperature rise(Max)
Rating
Shock
Functional
Resistive load
Resistance
Destruction
(cos
•=1)
Vibration
Functional
Resistance
Destruction
Unit weight
Inductive load
(cos
•=0.75•0.8)
Max. Switching voltage
TYPICAL APPLICATION
Max. Switching current
Max. Switching power
1.Home appliances:conditioner,hearter,etc.
Expected life(min.ope)
2.Auomotive:Power-windows,car antenna,door lock,etc.
Mechanical (at 180 cpm)
3.Office machines:PPC,facsimile,etc.
Electrical (at 20 cpm)
4.Vending machines.
Coil
Nominal operating power
ORDERING INFORMATION
WANJIA
10 TO 55 Hz at double Amplitude of 1.5mm
C: 1 form C
Coil
voltage (DC)
3, 5, 6, 9,
12, 24, 48V
WJ107
Number of pole
1:1pole
Contact form
A: 1 form A
B: 1 form B
1×10
7
1×10
5
3A
125VAC
3A
28VDC
12A
1250VA
280W
250VAC 125VDC
10A
125VAC
10A
28VDC
7A
250VAC
Type
0.36W
10A
125VAC
10A
28VDC
7A
250VAC
12A
125VAC
ULTRA-MINIATURE
PC BOARD TYPE
POWER RELAY
Approx.9g
Min. 10G
Min.100G
35deg
-40
••+85•
Min.100M
• (500 VDC)
10 TO 55 Hz at double Amplitude of 1.5mm
750VAC (50/60Hz)for 1 min.
1500VAC (50/60Hz)for 1 min.
45 to 85% RH
12A
125VAC
Max.100m
Relays for advanced technology
Max.8msec.
1A, 1B 1C
Silver alloy
Max.5msec.
1
C
WJ107
12VDC


Similar Part No. - WJ1071C6VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ107F CIT-WJ107F Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1212VDC.36 CIT-WJ107F1A1212VDC.36 Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1212VDC.45 CIT-WJ107F1A1212VDC.45 Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1218VDC.36 CIT-WJ107F1A1218VDC.36 Datasheet
198Kb / 2P
   CIT SWITCH
WJ107F1A1218VDC.45 CIT-WJ107F1A1218VDC.45 Datasheet
198Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ1071C6VDC

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com