Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23092A1012A301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V23092A1012A301
Description  6 Amp Slim Miniature, PC Board Relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V23092A1012A301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V23092A1012A301 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
74
Features
• 1 Form A (SPST-NO) and 1 Form C (SPDT).
• 6 A rated current.
• Slim package : 5mm width.
• Sensitive coil 170mW.
• 10.6mm height.
• 4kV coil-to-contact insulation.
• Applications: PLCs, timers, temperature controllers, I/O modules.
Initial Dielectric Strength
Between Open Contacts: 1,000VAC, (1 minute).
Between Contacts and Coil: 4,000VAC, (1 minute).
Surge Voltage Between Coil and Contacts: 6,000VAC (1.2/50
µs).
Creepage/Clearance Coil-to-Contact: Min. 6/8mm.
Initial Insulation Resistance
Between Mutually Insulated Conductors: 1,000Mohm @ 500VDC.
V23092 series
6 Amp Slim Miniature,
PC Board Relay
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings): Plastic sealed case.
Weight: 6g approximately.
Ordering Information
Typical Part Number
B V23092
A
1 024 A301
1. Basic Series:
V23092 = Slim PC board relay.
2. Termination:
A = PC Board Terminal.
3. Enclosure:
1 = Plastic sealed case.
4. Coil Input:
005 = 5VDC
012 = 12VDC
48 = 48VDC
006 = 6VDC
024 = 24VDC
5. Contact Material:
A201 = AgSnO with Gold plated, 1 Form C (SPDT).
A202 = AgSnO with Gold plated, 1 Form A (SPST-NO).
A301 = AgSnO, 1 Form C (SPDT).
A302 = AgSnO, 1 Form A (SPST-NO).
Environmental Data
Temperature Range:
Operating: -40
°C to +85°C.
Operating Humidity: 20 to 85% RH.
Operate Data @ 20
°C
Must Operate Voltage: 70% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time: 5 ms max. at nominal voltage.
Release Time: 2.5 ms max. at nominal voltage.
Bounce Time: 1 ms (N/O) typical at nominal voltage.
5 ms (N/C) typical at nominal voltage.
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: AgSnO and AgSnO with gold plated.
Max. Switching Rate: 1,200 ops./min. (no load).
6 ops./min. (rated load).
Expected Electrical Life:
6A @ 250VAC resistive.
Initial Contact Resistance: 100 milli ohms @ 1A, 24VDC.
Max. Switched Voltage: AC: 400V.
DC: 300V.
Max. Switched Current: 6A.
Max. Switched Power: 1,500VA.
Outline Dimensions
Coil Data @ 20
°C
Voltage: 5 to 48VDC.
Nominal Power: 170 mW.
V23092
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
33.8
148
3.50
0.50
12
14.2
848
8.40
1.20
24
7.1
3,390
16.80
2.40
48
4.5
10,600
33.60
4.80
Wiring Diagrams (Bottom View)
VDE
28.0
15.0
5.0
4.0
1.0
15.0
5.0
15.0
4.0
PC Board Layouts (Bottom View)
11.34
3.78
5.04
5.04
16.38
3.78
5.04
11.34
3.78
5.04
1 Form C
1 Form A
1 Form B
1 Form C
1 Form A
1 Form B


Similar Part No. - V23092A1012A301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23092 MACOM-V23092 Datasheet
475Kb / 3P
   Slimline PCB Relay SNR
V23092-A1005-A201 MACOM-V23092-A1005-A201 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
V23092-A1005-A201 MACOM-V23092-A1005-A201 Datasheet
475Kb / 3P
   Slimline PCB Relay SNR
logo
TE Connectivity Ltd
V23092-A1005-A201 TEC-V23092-A1005-A201 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Tyco Electronics
V23092-A1005-A202 MACOM-V23092-A1005-A202 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
More results

Similar Description - V23092A1012A301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCK-112D2M MACOM-PCK-112D2M Datasheet
234Kb / 2P
   Slim 16 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com