Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHSNA54Z60 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHSNA54Z60
Description  RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2) 30V N-CHANNEL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHSNA54Z60 Datasheet(HTML) 3 Page - International Rectifier

  IRHSNA54Z60 Datasheet HTML 1Page - International Rectifier IRHSNA54Z60 Datasheet HTML 2Page - International Rectifier IRHSNA54Z60 Datasheet HTML 3Page - International Rectifier IRHSNA54Z60 Datasheet HTML 4Page - International Rectifier IRHSNA54Z60 Datasheet HTML 5Page - International Rectifier IRHSNA54Z60 Datasheet HTML 6Page - International Rectifier IRHSNA54Z60 Datasheet HTML 7Page - International Rectifier IRHSNA54Z60 Datasheet HTML 8Page - International Rectifier IRHSNA54Z60 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRHSNA57Z60
www.irf.com
3
Radiation Characteristics
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test condi-
tions in order to provide a direct comparison.
Fig a. Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
0
5
10
15
20
25
30
35
0
-5
-10
-15
-20
VGS
Br
I
AU
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS
=0V @V
GS
=-5V @V
GS
=-10V @V
GS
=-15V @V
GS
=-20V
Br
37.9
255
33.4
30
30
30
25
20
I
59.4
290
28.8
25
25
20
15
10
Au
80.3
313
26.5
22.5
22.5
15
10
1. Part numbers IRHSNA57Z60, IRHSNA53Z60 and IRHSNA54Z60
2. Part number IRHSNA58Z60
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
Up to 600K Rads(Si)1 1000K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
30
30
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.5
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
25
µA
VDS= 24V, VGS =0V
RDS(on)
Static Drain-to-Source
4.0
5.0
m
VGS = 12V, ID =45A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
3.5
4.0
m
VGS = 12V, ID =45A
On-State Resistance (SMD-2)
VSD
Diode Forward Voltage
1.3
1.3
V
VGS = 0V, IS = 45A


Similar Part No. - IRHSNA54Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSNA54064 IRF-IRHSNA54064 Datasheet
114Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT(SMD-2)
More results

Similar Description - IRHSNA54Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064 Datasheet
119Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2)
IRHSNA57064 IRF-IRHSNA57064 Datasheet
114Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT(SMD-2)
IRHSLNA57Z60 IRF-IRHSLNA57Z60 Datasheet
130Kb / 9P
   RAD-HARD IRHSLNA57Z60 RECTIFIER SURFACE MOUNT (SMD-2)
logo
STMicroelectronics
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
logo
International Rectifier
IRHN7250 IRF-IRHN7250_V01 Datasheet
1Mb / 13P
   Radiation Hardened Power MOSFET Surface Mount (SMD-1) 200V, 26A, N-channel, Rad Hard HEXFET™ Technology
2022-05-16
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com