Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP139-W Datasheet(PDF) 3 Page - Anachip Corp

Part # AP139-W
Description  300mA Low-Noise CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP139-W Datasheet(HTML) 3 Page - Anachip Corp

  AP139-W Datasheet HTML 1Page - Anachip Corp AP139-W Datasheet HTML 2Page - Anachip Corp AP139-W Datasheet HTML 3Page - Anachip Corp AP139-W Datasheet HTML 4Page - Anachip Corp AP139-W Datasheet HTML 5Page - Anachip Corp AP139-W Datasheet HTML 6Page - Anachip Corp AP139-W Datasheet HTML 7Page - Anachip Corp AP139-W Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP139
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun 02, 2006
3/8
Electrical Characteristics
(TA=+25ºC, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
Note 1
-
7
V
IQ
Quiescent Current
IO=0mA
-
45
60
µA
ISTB
Standby Current
VIN=5.0V, VOUT=0V, VEN < VEL
-
2.0
3.0
µA
Output Voltage Accuracy IO=1mA, VIN=5V
-2
-
2
%
VOUT
VOUT Temperature
Coefficient
-
50
-
ppm/
oC
VO =1.5V
-
-
1.5
VO =1.8V
-
-
1.2
VO =2V
-
-
1
VO =2.5V
-
-
0.6
VDROPOUT Dropout Voltage
IO=1mA to 300mA,
VOUT=VO(NOM)-1.5%
VO ≥2.8V
-
-
0.45
V
IOUT
Output Current
300
-
-
mA
ILIMIT
Current Limit
VOUT > 1.05V
300
450
-
mA
Ishort
Short Circuit Current
Vcc=5V,Vout<1.05V
-
150
300
mA
VLINE Line Regulation
IOUT=5mA, VIN=5~7V
-
0.1
0.3
%
VLOAD Load Regulation
IO=1mA to 300mA, VIN=5V
-
0.3
1
%
f=1KHz
-
60
-
f=10KHz
-
50
-
PSRR
Power Supply Rejection
IO=100mA,
CO=2.2µF ceramic
f=100KHz
-
40
-
dB
f=1KHz
-
75
-
f=10KHz
-
55
-
PSRR
Power Supply Rejection
IO=100mA,
CO=2.2µF ceramic,
CBYP=20nF
f=100KHz
-
30
-
dB
VEH
Output ON
1.7
-
-
V
VEL
EN Input Threshold
Output OFF
-
-
0.8
V
IEN
Enable Pin Current
-
-
<0.1
µA
OTS
Over Temperature
Shutdown
-
130
-
oC
OTH
Over Temperature
Hysteresis
-
20
-
oC
Note 1. : VIN(MIN)=VOUT+VDROPOUT
Typical Application
AP139
BYP
EN
V
OUT
GND
V
IN
C1
1uF
C2
10nF
C3
1uF
IN
OUT


Similar Part No. - AP139-W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139-15WG-7 DIODES-AP139-15WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-15WL-7 DIODES-AP139-15WL-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-18WG-7 DIODES-AP139-18WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-18WL-7 DIODES-AP139-18WL-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-20WG-7 DIODES-AP139-20WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
More results

Similar Description - AP139-W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com