Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP250720FBJ06V Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GP250720FBJ06V
Description  RELAY - LATCH 2 PDT, 2 AMP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250720FBJ06V Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GP250720FBJ06V Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250720FBJ06V Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Application notes
N°007
SUPPRESSOR DEVICES FOR RELAY COILS
The inductive nature of relay coils allows them to create magnetic forces which are converted to mechanical movements to
operate contact systems. When voltage is applied to a coil, the resulting current generates a magnetic flux, creating
mechanical work. Upon deenergizing the coil, the collapasing magnetic field induces a reverse voltage (also known as back
EMF) which tends to maintain current flow in the coil. The induced voltage level mainly depends on the duration of the
deenergization. The faster the switch-off, the higher the induced voltage.
All coil suppression networks are based on a reduction of speed of current decay. This reduction may also slow down the
opening of contacts, adversly effecting contact life and reliability. Therefore, it is very important to have a clear understanding
of these phenomena when designing a coil suppression circuitry.
Typical coil characteristics
On the graph below, the upper record shows the contacts state. (High level NO contacts closed, low level NC contacts closed,
intermediate state contact transfer). The lower record shows the voltage across the coil when the current is switched off by
another relay contact.
The surge voltage is limited to -300V by the arc generated across contact poles. Discharge duration is about 200
mircoseconds after which the current change does not generate sufficient voltage. The voltage decreases to the point where
the contacts start to move, at this time, the voltage increases due to the energy contained in the NO contact springs. The
voltage decreases again during transfer, and increases once more when the magnetic circuit is closed on permanent magnet.
Operating times are as follows:
Time to start the movement 1.5ms
Total motion time 2.3ms
Transfer time 1.4ms
Contact State
Date of issue: 6/00
- 8 -
Page 1 of 4


Similar Part No. - GP250720FBJ06V

ManufacturerPart #DatasheetDescription
logo
Henkel Korea Limited.
GP2500S20-0.010-02-00 HENKEL-GP2500S20-0.010-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.010-02-0816 HENKEL-GP2500S20-0.010-02-0816 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.015-02-00 HENKEL-GP2500S20-0.015-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.015-02-0816 HENKEL-GP2500S20-0.015-02-0816 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.020-02-00 HENKEL-GP2500S20-0.020-02-00 Datasheet
77Kb / 1P
   Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
More results

Similar Description - GP250720FBJ06V

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
   RELAY – LATCH 2 PDT, 12 AMP
logo
List of Unclassifed Man...
JL-D4N-300L ETC2-JL-D4N-300L Datasheet
630Kb / 14P
   RELAY - LATCH 2 PDT, 12 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
   RELAY – LATCH 4 PDT, 12 AMP
JCL LEACH-JCL Datasheet
686Kb / 5P
   RELAY LATCH 1 PDT, 25 AMP
logo
List of Unclassifed Man...
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
   RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
J-A4R-300M ETC2-J-A4R-300M Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
J-J7N-300L ETC2-J-J7N-300L Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
logo
Leach International Cor...
ZLD LEACH-ZLD Datasheet
1Mb / 11P
   CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com