Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP139-25TW Datasheet(PDF) 5 Page - Anachip Corp

Part # AP139-25TW
Description  300mA Low-Noise CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP139-25TW Datasheet(HTML) 5 Page - Anachip Corp

  AP139-25TW Datasheet HTML 1Page - Anachip Corp AP139-25TW Datasheet HTML 2Page - Anachip Corp AP139-25TW Datasheet HTML 3Page - Anachip Corp AP139-25TW Datasheet HTML 4Page - Anachip Corp AP139-25TW Datasheet HTML 5Page - Anachip Corp AP139-25TW Datasheet HTML 6Page - Anachip Corp AP139-25TW Datasheet HTML 7Page - Anachip Corp AP139-25TW Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP139
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun 02, 2006
5/8
Typical Performance Characteristics (Continued)
0
50
100
150
200
250
300
350
400
3.5
4
4.555.5
6
6.5
7
Vcc Vs Short Current
Vcc (V)
Top to bottom
Vout=1.5V
Vout=1.8V
Vout=2.5V
Vout=3.3V
Function Description
The AP139 of CMOS regulators contain a PMOS
pass transistor, voltage reference, error amplifier,
over-current protection, thermal shutdown.
The P-channel pass transistor receives data from
the error amplifier, over-current protection, and
thermal protection circuits. During normal operation,
the error amplifier compares the output voltage to a
precision reference. Over-current and thermal
shutdown circuits become active when the junction
temperature exceeds 130
oC, or the current exceeds
300mA. During thermal shutdown, the output
voltage remains low. Normal operation is restored
when the junction temperature drops below 110
oC.
The AP139 switches from voltage mode to current
mode when the load exceeds the rated output
current. This prevents over-stress.
Enable
The enable pin normally floats high. When actively,
pulled low, the PMOS pass transistor shut off, and
all internal circuits are powered down. In this state,
the quiescent current is less than 2µA. This pin
behaves much like an electronic switch.
External Capacitor
The AP139 is stable with a low ESR output
capacitor to ground of 1.0µF or greater. It can keep
stable even with higher ESR capacitors. A second
capacitor is recommended between the input and
ground to stabilize VIN. The input capacitor should
be larger than 0.1µF to have a beneficial effect. All
capacitors should be placed in close proximity to
the pins. A “quiet” ground termination is desirable.


Similar Part No. - AP139-25TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139-25WG-7 DIODES-AP139-25WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-25WL-7 DIODES-AP139-25WL-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
More results

Similar Description - AP139-25TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com